Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC1502W Datasheet(PDF) 2 Page - Won-Top Electronics

Part # KBPC1502W
Description  15A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC1502W Datasheet(HTML) 2 Page - Won-Top Electronics

  KBPC1502W Datasheet HTML 1Page - Won-Top Electronics KBPC1502W Datasheet HTML 2Page - Won-Top Electronics KBPC1502W Datasheet HTML 3Page - Won-Top Electronics KBPC1502W Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBPC15 SERIES
2 of 4
© 2006 Won-Top Electronics
0.01
0.1
1.0
10
100
0
0.4
0.8
1.0
1.6 1.8
0.6
0.2
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics (per element)
F
T = 25C
j
Pulse Width = 300s
0
100
200
300
400
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Single Half-Sine Wave
(JEDEC Method)
T = 150C
j
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance (per element)
R
f=1Mhz
T = 25C
j
0.01
0.1
1.0
10
100
40
20
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics (per element)
T = 125C
j
T = 25C
j
0
5
10
15
20
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (C)
Fig. 1 Forward. Current Derating Curve
A
Resistive or
Inductive load
Mounted on a
220x220x50mm
AL plate heatsink


Similar Part No. - KBPC1502W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1502W WTE-KBPC1502W Datasheet
52Kb / 4P
   15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Diode Semiconductor Kor...
KBPC1502W DSK-KBPC1502W Datasheet
90Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diotec Semiconductor
KBPC1502W DIOTEC-KBPC1502W Datasheet
153Kb / 2P
   Silicon-Bridge Rectifiers
logo
SUNMATE electronic Co.,...
KBPC1502W SUNMATE-KBPC1502W Datasheet
290Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
KBPC1502W DAESAN-KBPC1502W Datasheet
231Kb / 2P
   CURRENT 15.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - KBPC1502W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
   15A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB1505W TAITRON-MB1505W Datasheet
144Kb / 4P
   15A Single-Phase Bridge Rectifier
MB1505 TAITRON-MB1505 Datasheet
144Kb / 4P
   15A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC15P WTE-KBPC15P Datasheet
55Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15S WTE-KBPC15S Datasheet
66Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
MP1500 WTE-MP1500_06 Datasheet
70Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150 Datasheet
21Kb / 3P
   15A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBJ15A WTE-KBJ15A_06 Datasheet
77Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBPC15 NELLSEMI-KBPC15 Datasheet
313Kb / 3P
   Single-Phase Bridge Rectifier, 15A
logo
Won-Top Electronics
GBPC15 WTE-GBPC15 Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com