Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37550J5103K062 Datasheet(PDF) 11 Page - EPCOS

Part # B37550J5103K062
Description  Multilayer ceramic capacitors Chip capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37550J5103K062 Datasheet(HTML) 11 Page - EPCOS

Back Button B37550J5103K062 Datasheet HTML 5Page - EPCOS B37550J5103K062 Datasheet HTML 6Page - EPCOS B37550J5103K062 Datasheet HTML 7Page - EPCOS B37550J5103K062 Datasheet HTML 8Page - EPCOS B37550J5103K062 Datasheet HTML 9Page - EPCOS B37550J5103K062 Datasheet HTML 10Page - EPCOS B37550J5103K062 Datasheet HTML 11Page - EPCOS B37550J5103K062 Datasheet HTML 12Page - EPCOS B37550J5103K062 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
10/06
Multilayer ceramic capacitors
Cautions and warnings
Notes on the selection of ceramic capacitors
In the selection of ceramic capacitors, the following criteria must be considered:
1. Depending on the application, ceramic capacitors used to meet high quality requirements should
at least satisfy the specifications to AEC-Q200. They must meet quality requirements going
beyond this level in terms of ruggedness (e.g. mechanical, thermal or electrical) in the case of
critical circuit configurations and applications (e.g. in safety-relevant applications such as ABS
and airbag equipment or durable industrial goods).
2. At the connection to the battery or power supply (e.g. clamp 15 or 30 in the automobile) and at
positions with stranding potential, to reduce the probability of short circuits following a fracture,
two ceramic capacitors must be connected in series and/or a ceramic capacitor with integrated
series circuit should be used. The MLSC from EPCOS contains such a series circuit in a single
component.
3. Ceramic capacitors with the temperature characteristics Z5U and Y5V do not satisfy the require-
ments to AEC-Q200 and are mechanically and electrically less rugged than C0G or X7R/X8R
ceramic capacitors. In applications that must satisfy high quality requirements, therefore, these
capacitors should not be used as discrete components (see the chapter “Effects on mechanical,
thermal and electrical stress”, point 1.4).
4. For ESD protection, preference should be given to the use of multilayer varistors (MLV) (see the
chapter “Effects on mechanical, thermal and electrical stress”, point 1.4).
5. An application-specific derating or continuous operating voltage must be considered in order to
cushion (unexpected) additional stresses (see the chapter “Reliability”).
The following should be considered in circuit board design
1. If technically feasible in the application, preference should be given to components having an
optimal geometrical design.
2. At least FR4 circuit board material should be used.
3. Geometrically optimal circuit boards should be used, ideally those that cannot be deformed.
4. Ceramic capacitors must always be placed a sufficient minimum distance from the edge of the
circuit board. High bending forces may be exerted there when the panels are separated and dur-
ing further processing of the board (such as when incorporating it into a housing).
5. Ceramic capacitors should always be placed parallel to the possible bending axis of the circuit
board.
6. No screw connections should be used to fix the board or to connect several boards. Compo-
nents should not be placed near screw holes. If screw connections are unavoidable, they must
be cushioned (for instance by rubber pads).


Similar Part No. - B37550J5103K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37550J5103K062 EPCOS-B37550J5103K062 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37550J5103K062

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X7R1A472K030BA TDK-C0603X7R1A472K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com