Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA8115HL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA8115HL
Description  Digital camera USB interface
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8115HL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA8115HL Datasheet HTML 5Page - NXP Semiconductors SAA8115HL Datasheet HTML 6Page - NXP Semiconductors SAA8115HL Datasheet HTML 7Page - NXP Semiconductors SAA8115HL Datasheet HTML 8Page - NXP Semiconductors SAA8115HL Datasheet HTML 9Page - NXP Semiconductors SAA8115HL Datasheet HTML 10Page - NXP Semiconductors SAA8115HL Datasheet HTML 11Page - NXP Semiconductors SAA8115HL Datasheet HTML 12Page - NXP Semiconductors SAA8115HL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
2000 Jan 27
9
Philips Semiconductors
Preliminary specification
Digital camera USB interface
SAA8115HL
Note
1. I = input, O = output and P = power supply.
M0
118
I
test mode control input signal bit 0
AGND4
119
P
analog ground 4 for crystal oscillator (48 MHz, 3rd overtone)
XIN
120
I
oscillator input
XOUT
121
O
oscillator output
VDDA4
122
P
analog supply voltage 4 for crystal oscillator (48 MHz, 3rd overtone)
AGND5
123
P
analog ground 5 for PLL
VDDA5
124
P
analog supply voltage 5 for PLL
VDDA6
125
P
analog supply voltage 6 for amplifier and ADC
REF1
126
I
reference voltage 1 (used in the ADC)
REF2
127
I
reference voltage 2 (used in the ADC)
REF3
128
I
reference voltage 3 (used in the amplifier and the ADC)
RESERVED6
129
O
test pin 6 (should not be used)
VGAIN
130
I
variable gain amplifier input
LNAOUT
131
O
low noise amplifier output
MICIN
132
I
microphone input
MICSUPPLY
133
O
microphone supply output
AGND6
134
P
analog ground 6 for amplifier and ADC
B4
135
O
vertical CCD load pulse output (VH1X)
B3
136
O
vertical CCD load pulse output (VH3X)
B1
137
O
vertical CCD load pulse output
B2
138
O
vertical CCD load pulse output
A1
139
O
vertical CCD transfer pulse output (V1X)
A2
140
O
vertical CCD transfer pulse output (V2X)
VDD6
141
P
supply voltage 6 for output buffers
GND7
142
P
ground 7 for output buffers
A3
143
O
vertical CCD transfer pulse output (V3X)
A4
144
O
vertical CCD transfer pulse output (V4X)
SYMBOL
PIN
TYPE(1)
DESCRIPTION


Similar Part No. - SAA8115HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8110G PHILIPS-SAA8110G Datasheet
232Kb / 36P
   Digital Signal Processor DSP for cameras
1997 Jun 13
SAA8112HL PHILIPS-SAA8112HL Datasheet
137Kb / 40P
   Digital camera signal processor and microcontroller
2000 Jan 18
SAA8113HL PHILIPS-SAA8113HL Datasheet
155Kb / 44P
   Digital PC-camera signal processor
1999 Sep 27
SAA8116 PHILIPS-SAA8116 Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
SAA8116ET PHILIPS-SAA8116ET Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
More results

Similar Description - SAA8115HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
   Digital camera USB interface IC
1999 Apr 02
SAA8116 PHILIPS-SAA8116 Datasheet
237Kb / 60P
   Digital PC-camera signal processor including microcontroller and USB interface
2001 May 04
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
logo
Actel Corporation
A3P250 ACTEL-A3P250 Datasheet
538Kb / 1P
   Camera Interface
logo
NXP Semiconductors
SAA8116HL PHILIPS-SAA8116HL Datasheet
105Kb / 20P
   Digital PC-camera signal processor, microcontroller andUSB interface
2000 Apr 13
logo
Rohm
BH6412KN ROHM-BH6412KN Datasheet
201Kb / 6P
   Monaural Audio Interface LSI for Digital still camera
logo
Leopard Imaging Inc.
LI-OV9712-USB-M8 LEOPARD-LI-OV9712-USB-M8 Datasheet
408Kb / 2P
   USB M8 Camera
LI-OV5640-USB-72 LEOPARD-LI-OV5640-USB-72 Datasheet
373Kb / 2P
   5M USB Camera
LI-OV5648-USB-AF LEOPARD-LI-OV5648-USB-AF Datasheet
409Kb / 2P
   USB 2.0 Camera
LI-OV7725-USB-72 LEOPARD-LI-OV7725-USB-72 Datasheet
463Kb / 2P
   USB 2.0 Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com