Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37541K5103K062 Datasheet(PDF) 6 Page - EPCOS

Part # B37541K5103K062
Description  Multilayer ceramic capacitors Chip capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37541K5103K062 Datasheet(HTML) 6 Page - EPCOS

Back Button B37541K5103K062 Datasheet HTML 2Page - EPCOS B37541K5103K062 Datasheet HTML 3Page - EPCOS B37541K5103K062 Datasheet HTML 4Page - EPCOS B37541K5103K062 Datasheet HTML 5Page - EPCOS B37541K5103K062 Datasheet HTML 6Page - EPCOS B37541K5103K062 Datasheet HTML 7Page - EPCOS B37541K5103K062 Datasheet HTML 8Page - EPCOS B37541K5103K062 Datasheet HTML 9Page - EPCOS B37541K5103K062 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Multilayer ceramic capacitors
X8R
Product range chip capacitors, X8R
Size1)
inch
mm
0603
1608
0805
2012
1206
3216
1210
3225
Type
B37540
B37541
B37472
B37550
50
50
50
50
100
pF
150
pF
220
pF
330
pF
470
pF
680
pF
1.0 nF
1.5 nF
2.2 nF
3.3 nF
4.7 nF
6.8 nF
10
nF
15
nF
22
nF
33
nF
47
nF
68
nF
100
nF
150
nF
1) l
´ b (inch) / l ´ b (mm)
VR (VDC)
CR
X8R


Similar Part No. - B37541K5103K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37541K5103K062 EPCOS-B37541K5103K062 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37541K5103K062

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X7R1A472K030BA TDK-C0603X7R1A472K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com