Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37540K5103K062 Datasheet(PDF) 8 Page - EPCOS

Part # B37540K5103K062
Description  Multilayer ceramic capacitors Chip capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37540K5103K062 Datasheet(HTML) 8 Page - EPCOS

Back Button B37540K5103K062 Datasheet HTML 4Page - EPCOS B37540K5103K062 Datasheet HTML 5Page - EPCOS B37540K5103K062 Datasheet HTML 6Page - EPCOS B37540K5103K062 Datasheet HTML 7Page - EPCOS B37540K5103K062 Datasheet HTML 8Page - EPCOS B37540K5103K062 Datasheet HTML 9Page - EPCOS B37540K5103K062 Datasheet HTML 10Page - EPCOS B37540K5103K062 Datasheet HTML 11Page - EPCOS B37540K5103K062 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Multilayer ceramic capacitors
X8R
Ordering codes and packing for X8R, 50 VDC, nickel barrier terminations
Chip thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
**
60
**
70
CR1)
Ordering code2)
mm
pcs/reel
pcs/reel
Case size 1206, 50 VDC
1.0 nF
B37472K5102K0**
0.8
± 0.1
4000
16000
1.5 nF
B37472K5152K0**
0.8
± 0.1
4000
16000
2.2 nF
B37472K5222K0**
0.8
± 0.1
4000
16000
3.3 nF
B37472K5332K0**
0.8
± 0.1
4000
16000
4.7 nF
B37472K5472K0**
0.8
± 0.1
4000
16000
6.8 nF
B37472K5682K0**
0.8
± 0.1
4000
16000
10. nF
B37472K5103K0**
0.8
± 0.1
4000
16000
15. nF
B37472K5153K0**
0.8
± 0.1
4000
16000
22. nF
B37472K5223K0**
0.8
± 0.1
4000
16000
33. nF
B37472K5333K0**
0.8
± 0.1
4000
16000
47. nF
B37472K5473K0**
0.8
± 0.1
4000
16000
68. nF
B37472K5683K0**
1.2
± 0.1
30003)
120004)
100. nF
B37472K5104K0**
1.2
± 0.1
30003)
120004)
Blister tape,
Æ 180-mm reel
Blister tape,
Æ 330-mm reel
**
62
**
72
pcs/reel
pcs/reel
Case size 1210, 50 VDC
10. nF
B37550K5103K0**
0.8
± 0.1
4000
16000
15. nF
B37550K5153K0**
0.8
± 0.1
4000
16000
22. nF
B37550K5223K0**
0.8
± 0.1
4000
16000
33. nF
B37550K5333K0**
0.8
± 0.1
4000
16000
47. nF
B37550K5473K0**
0.8
± 0.1
4000
16000
68. nF
B37550K5683K0**
0.8
± 0.1
4000
16000
100. nF
B37550K5104K0**
0.8
± 0.1
4000
16000
150. nF
B37550K5154K0**
1.2
± 0.1
3000
12000
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 4.
3) Blister tape, 180-mm reel, ordering code **
62
4) Blister tape, 330-mm reel, ordering code **
72
^
^
^
^
^
^
X8R; 1206 and 1210


Similar Part No. - B37540K5103K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37541J5102J060 EPCOS-B37541J5102J060 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
B37541J5102J062 EPCOS-B37541J5102J062 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
B37541J5102J070 EPCOS-B37541J5102J070 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
B37541J5102J072 EPCOS-B37541J5102J072 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
B37541J5102K060 EPCOS-B37541J5102K060 Datasheet
146Kb / 10P
   Multilayer Ceramic Capacitors
More results

Similar Description - B37540K5103K062

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X7R1A472K030BA TDK-C0603X7R1A472K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com