Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS2004-59 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFS2004-59
Description  10 AMP 800 VOLTS HIGH VOLTAGE THYRISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFS2004-59 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFS2004-59 Datasheet HTML 1Page - Solid States Devices, Inc SFS2004-59 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
PRELIMINARY
14005 Stage Road
*
Santa Fe Springs, Ca 90670
Phone: (562) 404-4474
*
Fax: (562) 404-1773
ELECTRICAL CHARACTERISTICS @ TJ =25oC (Unless Otherwise Specified)
Peak Reverse Blocking Current
(Rated VRRM)
IRRM
RATING
SYMBOL
MIN
MAX
UNIT
-
PACKAGE OUTLINE: TO-59
PIN OUT:
1. CATHODE
2. GATE
3. ANODE
TJ = 25oC
TJ = 105oC
TJ= 25oC
TJ= 25oC
0.5
2.0
mA
Peak Forward Blocking Current
(Rated VDRM)
IDRM
-
TJ = 25oC
TJ = 105oC
mA
Forward On-State Voltage
(IF = 2.0A Peak, t = 1ms, Duty Cycle
# 1%)
VF
-
1.50
Volts
Gate Trigger Current
(VA = 7Vdc, RL = 100
S)
VGT
-
-
0.2
1.5
2.5
-
Volts
Gate Trigger Voltage
(VA = 7Vdc, RL = 100
S)
IGT
-
-
50
100
mA
Holding Current
(VA = 7Vdc, RKG - Open, TJ = 105oC)
IH
0.2
-
mA
SFS2004/59
TJ = 25oC
TJ = 105oC
TJ = 25oC
TJ = -65oC
TJ = 105oC
Switch Time
(IF = 30A min Pulse; IR = 5A;
TC = 85oC; dV/dt = 250V/
:s to 600V;
VRA(OFF) = 0V; VRG(OFF) = 6V)
Delay Time
Rise Time
Turn Off Time
td
tr
toff
-
-
0.2
1.5
2.5
-
:sec
0.5
2.0


Similar Part No. - SFS2004-59

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SFS20 COSEL-SFS20 Datasheet
1Mb / 8P
   DC-DC Converters PCB Mount Type
logo
Z-Communications, Inc
SFS2030A-LF ZCOMM-SFS2030A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS2030A-LF ZCOMM-SFS2030A-LF_11 Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer Surface Mount Module
logo
COSEL CO., LTD.
SFS204805B COSEL-SFS204805B Datasheet
1Mb / 8P
   DC-DC Converters PCB Mount Type
SFS204805C COSEL-SFS204805C Datasheet
1Mb / 8P
   DC-DC Converters PCB Mount Type
More results

Similar Description - SFS2004-59

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MT200C08T2 MCC-MT200C08T2 Datasheet
550Kb / 5P
   200 Amp THYRISTOR MODULE 800~1800 Volts
MT60C08T1 MCC-MT60C08T1 Datasheet
549Kb / 5P
   60 Amp THYRISTOR MODULE 800~1800 Volts
MT25C08T1 MCC-MT25C08T1 Datasheet
550Kb / 5P
   25 Amp THYRISTOR MODULE 800~1800 Volts
MT90C08T1 MCC-MT90C08T1 Datasheet
502Kb / 5P
   90 Amp THYRISTOR MODULE 800~1800 Volts
MT40C08T1 MCC-MT40C08T1 Datasheet
553Kb / 5P
   40 Amp THYRISTOR MODULE 800~1800 Volts
MT40CB08T1 MCC-MT40CB08T1 Datasheet
596Kb / 6P
   THYRISTOR/DIODE 800~1800 Volts 40 Amp MODULE
MT60CB08T1 MCC-MT60CB08T1 Datasheet
596Kb / 6P
   THYRISTOR/DIODE 800~1800 Volts 60 Amp MODULE
MT110CB08T1 MCC-MT110CB08T1 Datasheet
597Kb / 6P
   THYRISTOR/DIODE 800~1800 Volts 110 Amp MODULE
MT25CB08T1 MCC-MT25CB08T1 Datasheet
561Kb / 6P
   800~1800 Volts 25 Amp THYRISTOR/DIODE MODULE
MT160CB08T2 MCC-MT160CB08T2_16 Datasheet
557Kb / 6P
   MODULE 800~1800 Volts 160 Amp THYRISTOR/DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com