Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72714D0160H060 Datasheet(PDF) 6 Page - EPCOS

Part # B72714D0160H060
Description  CeraDiode SMD type, array, case size 0508, 0612
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72714D0160H060 Datasheet(HTML) 6 Page - EPCOS

Back Button B72714D0160H060 Datasheet HTML 2Page - EPCOS B72714D0160H060 Datasheet HTML 3Page - EPCOS B72714D0160H060 Datasheet HTML 4Page - EPCOS B72714D0160H060 Datasheet HTML 5Page - EPCOS B72714D0160H060 Datasheet HTML 6Page - EPCOS B72714D0160H060 Datasheet HTML 7Page - EPCOS B72714D0160H060 Datasheet HTML 8Page - EPCOS B72714D0160H060 Datasheet HTML 9Page - EPCOS B72714D0160H060 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CeraDiode
B727**D****H***
SMD type, array, case size 0508, 0612
CDA*C**GTH
2007-02-20
Please read Important notes at
the end of this document.
Page 6 of 10
Recommended infrared reflow soldering temperature profile
TPT0892-3-E
T
25
Smin
tS
t 25 ˚C to peak
Preheat
Ramp-down
Time
L
Critical zone
T
TL
Tp
Ramp-up
Smax
tL
T
tp
to Tp
Profile feature
Sn-Pb eutectic assembly
Pb-free assembly
Average ramp-up rate (TSmax to
Tp)
3 °C/ second max.
3 °C/ second max.
Preheat
- Temperature min (TSmin)
- Temperature max (TSmax)
- Time (tSmin to tSmax)
100 °C
150 °C
60 … 120 seconds
150 °C
200 °C
60 … 180 seconds
Time maintained above
- Temperature min (TL)
- Time (tL)
183 °C
60 … 150 seconds
217 °C
60 … 150 seconds
Peak classification temperature
(Tp)
220 °C … 240 °C
240 °C … 260 °C
Time within 5 °C of actual peak
temperature (tp)
10 … 30 seconds
20 … 40 seconds
Ramp-down rate
6 °C/ second max.
6 °C/ second max.
Time 25 °C to peak temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
Soldering guidelines
The usage of mild, non-activated fluxes for soldering is recommended, as well as proper cleaning of
the PCB.
The components are suitable for reflow soldering to JEDEC J-STD-020C.


Similar Part No. - B72714D0160H060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72714D0160H060 EPCOS-B72714D0160H060 Datasheet
562Kb / 22P
   CeraDiodes
B72714D0160H060 EPCOS-B72714D0160H060 Datasheet
556Kb / 22P
   High-speed series
B72714D0160H060 EPCOS-B72714D0160H060 Datasheet
567Kb / 22P
   CeraDiodes
More results

Similar Description - B72714D0160H060

ManufacturerPart #DatasheetDescription
logo
EPCOS
CDA4C20GTA EPCOS-CDA4C20GTA Datasheet
103Kb / 10P
   CeraDiode SMD type, array, case size 0508, 0612
B72735D0050H062 EPCOS-B72735D0050H062 Datasheet
145Kb / 10P
   CeraDiode SMD type, array, case size 1012
logo
AVX Corporation
W3L16D225MAT3A AVX-W3L16D225MAT3A Datasheet
245Kb / 4P
   IDC Low Inductance Capacitors(RoHS) 0306/0612/0508 IDC
logo
Wurth Elektronik GmbH &...
82380050100 WURTH-82380050100 Datasheet
240Kb / 5P
   0508 ESD ARRAY 4 VARISTOR
06-07-31
82380180121 WURTH-82380180121 Datasheet
240Kb / 5P
   0612 ESD ARRAY 4 VARISTOR
logo
Mallory Sonalert Produc...
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
   Case Size T2
logo
Kemet Corporation
CA064X151J5GACTU KEMET-CA064X151J5GACTU Datasheet
86Kb / 1P
   Array Comm C0G Flex, Ceramic, 150 pF, 5%, 50 VDC, C0G, SMD, MLCC, Array, Flex Termination, Class II, 0612
logo
Mallory Sonalert Produc...
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
   Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
   Case Size T2
PA-22034-01-BLUE MSPI-PA-22034-01-BLUE Datasheet
336Kb / 1P
   Case Size T1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com