Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDA4C20GTA Datasheet(PDF) 7 Page - EPCOS

Part # CDA4C20GTA
Description  CeraDiode SMD type, array, case size 0508, 0612
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CDA4C20GTA Datasheet(HTML) 7 Page - EPCOS

Back Button CDA4C20GTA Datasheet HTML 2Page - EPCOS CDA4C20GTA Datasheet HTML 3Page - EPCOS CDA4C20GTA Datasheet HTML 4Page - EPCOS CDA4C20GTA Datasheet HTML 5Page - EPCOS CDA4C20GTA Datasheet HTML 6Page - EPCOS CDA4C20GTA Datasheet HTML 7Page - EPCOS CDA4C20GTA Datasheet HTML 8Page - EPCOS CDA4C20GTA Datasheet HTML 9Page - EPCOS CDA4C20GTA Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CeraDiode
B727**D****A***
SMD type, array, case size 0508, 0612
CDA*C**GTA
2007-02-20
Please read Important notes at
the end of this document.
Page 7 of 10
Storage conditions
As far as possible, the components shall be employed within 12 months. They should be left in their
original packing to avoid soldering problems due to oxidized contacts.
Storage temperature: –25 °C up to 45 °C
Relative humidity: < 75 % annual average, < 95 % on max. 30 days in a year.
Reel dimensions in mm
Definition
Symbol
Dim.
Tolerance
Reel diameter
A
180
+0/
3
Reel width
(inside)
W1
8.4
+1.5/
0
Reel width
(outside)
W2
14.4
max.
Package: 8-mm tape
Reel material: Plastic
Selection guide
Part number
Ordering code
Case size
Qty. per reel
Reel size
CDA4C20GTA
B72714D0200A060
0508
4000
180 mm
CDA5C20GTA
B72724D0200A062
0612
3000
180 mm
KKE0058-I-E
W1
2
W
13±0,2
+2
0
ø60 _


Similar Part No. - CDA4C20GTA

ManufacturerPart #DatasheetDescription
logo
EPCOS
CDA4C16GTH EPCOS-CDA4C16GTH Datasheet
104Kb / 10P
   CeraDiode SMD type, array, case size 0508, 0612
CDA4C16GTH EPCOS-CDA4C16GTH Datasheet
556Kb / 22P
   High-speed series
More results

Similar Description - CDA4C20GTA

ManufacturerPart #DatasheetDescription
logo
EPCOS
CDA4C16GTH EPCOS-CDA4C16GTH Datasheet
104Kb / 10P
   CeraDiode SMD type, array, case size 0508, 0612
B72735D0050H062 EPCOS-B72735D0050H062 Datasheet
145Kb / 10P
   CeraDiode SMD type, array, case size 1012
logo
AVX Corporation
W3L16D225MAT3A AVX-W3L16D225MAT3A Datasheet
245Kb / 4P
   IDC Low Inductance Capacitors(RoHS) 0306/0612/0508 IDC
logo
Wurth Elektronik GmbH &...
82380050100 WURTH-82380050100 Datasheet
240Kb / 5P
   0508 ESD ARRAY 4 VARISTOR
06-07-31
82380180121 WURTH-82380180121 Datasheet
240Kb / 5P
   0612 ESD ARRAY 4 VARISTOR
logo
Mallory Sonalert Produc...
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
   Case Size T2
logo
Kemet Corporation
CA064X151J5GACTU KEMET-CA064X151J5GACTU Datasheet
86Kb / 1P
   Array Comm C0G Flex, Ceramic, 150 pF, 5%, 50 VDC, C0G, SMD, MLCC, Array, Flex Termination, Class II, 0612
logo
Mallory Sonalert Produc...
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
   Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
   Case Size T2
PA-22034-01-BLUE MSPI-PA-22034-01-BLUE Datasheet
336Kb / 1P
   Case Size T1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com