Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43858C1476M009 Datasheet(PDF) 6 Page - EPCOS

Part # B43858C1476M009
Description  Aluminum electrolytic capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43858C1476M009 Datasheet(HTML) 6 Page - EPCOS

Back Button B43858C1476M009 Datasheet HTML 2Page - EPCOS B43858C1476M009 Datasheet HTML 3Page - EPCOS B43858C1476M009 Datasheet HTML 4Page - EPCOS B43858C1476M009 Datasheet HTML 5Page - EPCOS B43858C1476M009 Datasheet HTML 6Page - EPCOS B43858C1476M009 Datasheet HTML 7Page - EPCOS B43858C1476M009 Datasheet HTML 8Page - EPCOS B43858C1476M009 Datasheet HTML 9Page - EPCOS B43858C1476M009 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
25
°C
ESRmax
120 Hz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 16 × 31.5 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5 mm (from d
× l = 10 × 12.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 200 V DC
10
10
× 16
1161
33.16
4.00
200
340
B43858C2106M***
22
10
× 16
528
15.07
1.50
470
799
B43858C2226M***
33
10
× 20
352
10.05
1.40
500
850
B43858C2336M***
47
12.5
× 20
247
7.05
1.05
780
1326
B43858C2476M***
68
16
× 20
171
4.88
0.75
850
1445
B43858C2686M***
100
16
× 25
116
3.32
0.68
1250
2125
B43858C2107M***
220
18
× 35
53
1.51
0.10
1390
2363
B43858C2227M***
VR = 250 V DC
10
10
× 16
1161
33.16
4.00
280
476
B43858H2106M***
22
10
× 20
528
15.07
1.50
510
867
B43858H2226M***
33
12.5
× 20
352
10.05
1.40
600
1020
B43858H2336M***
47
12.5
× 25
247
7.05
1.05
700
1190
B43858H2476M***
68
16
× 25
171
4.88
0.75
1150
1955
B43858H2686M***
100
16
× 31.5
116
3.32
0.62
1350
2295
B43858H2107M***
220
18
× 40
53
1.51
0.10
1460
2482
B43858H2227M***
VR = 350 V DC
2.2
10
× 12.5
6330
180.86
6.00
100
170
B43858C4225M***
3.3
10
× 16
4220
120.58
4.00
130
221
B43858C4335M***
4.7
10
× 16
2963
84.66
3.00
180
306
B43858C4475M***
6.8
10
× 16
2048
58.51
2.70
220
374
B43858C4685M***
10
10
× 20
1393
39.79
2.00
300
510
B43858C4106M***
22
12.5
× 25
633
18.09
1.50
560
952
B43858C4226M***
33
16
× 20
422
12.06
0.80
580
986
B43858C4336M***
47
16
× 31.5
296
8.47
0.65
1000
1700
B43858C4476M***
68
18
× 31.5
205
5.85
0.50
1200
2040
B43858C4686M***
100
18
× 40
139
3.98
0.40
1450
2465
B43858C4107M***
B43858
High ripple current
105
°C
Page 6 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43858C1476M009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43858C1476M000 EPCOS-B43858C1476M000 Datasheet
550Kb / 26P
   Aluminum electrolytic capacitors
B43858C1476M002 EPCOS-B43858C1476M002 Datasheet
550Kb / 26P
   Aluminum electrolytic capacitors
More results

Similar Description - B43858C1476M009

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com