Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP2A28CJ000F Datasheet(PDF) 8 Page - Sharp Corporation

Part # GP2A28CJ000F
Description  Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A28CJ000F Datasheet(HTML) 8 Page - Sharp Corporation

Back Button GP2A28CJ000F Datasheet HTML 3Page - Sharp Corporation GP2A28CJ000F Datasheet HTML 4Page - Sharp Corporation GP2A28CJ000F Datasheet HTML 5Page - Sharp Corporation GP2A28CJ000F Datasheet HTML 6Page - Sharp Corporation GP2A28CJ000F Datasheet HTML 7Page - Sharp Corporation GP2A28CJ000F Datasheet HTML 8Page - Sharp Corporation GP2A28CJ000F Datasheet HTML 9Page - Sharp Corporation GP2A28CJ000F Datasheet HTML 10Page - Sharp Corporation GP2A28CJ000F Datasheet HTML 11Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Sheet No.: D3-A05001EN
GP2A28AJ000F/GP2A28CJ000F
● Parts
This product is assembled using the below parts.
• Photodetector (qty. : 1) [Using a silicon photodiode as light detecting portion, and a bipolar IC as signal processing circuit]
Category
Maximum Sensitivity
wavelength (nm)
Sensitivity
wavelength (nm)
Response time (μs)
Photo
diode
900
700 to 1 200
400
• Photo emitter (qty. : 1)
Category
Material
Maximum light emitting
wavelength (nm)
I/O Frequency (MHz)
Infrared emitting diode
(non-coherent)
Gallium arsenide (GaAs)
950
0.3
• Material
Case
Lens
Bottom cover
Black polyphernylene
Sulfide resin (UL94 V-0)
Acryl resin (UL94 HB)
Polycarbonate resin (Black) (UL94 V-2)
• Others
Laser generator is not used.


Similar Part No. - GP2A28CJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A20 SHARP-GP2A20 Datasheet
46Kb / 3P
   Light Modulation, Long Focal Distance Type OPIC Photointerrupter
GP2A200LCS SHARP-GP2A200LCS Datasheet
65Kb / 5P
   Light Modulation, Reflective Type Photointerrupter
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A200LCSCF SHARP-GP2A200LCSCF Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A210LCSJF SHARP-GP2A210LCSJF Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
More results

Similar Description - GP2A28CJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
logo
AUK corp
SRM-356VF AUK-SRM-356VF Datasheet
67Kb / 5P
   Light detecting portion of remote control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com