Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP2A200LCS0F Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2A200LCS0F
Description  Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A200LCS0F Datasheet(HTML) 4 Page - Sharp Corporation

  GP2A200LCS0F Datasheet HTML 1Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 2Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 3Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 4Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 5Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 6Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 7Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 8Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Sheet No.: D3-A05101EN
GP2A200LCS0F Series
■ Absolute Maximum Ratings
■ Electro-optical Characteristics
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to +7V
Output voltage
VO
30
V
*1 Output current
IOL
50
mA
*2 Operating temperature
Topr
−10 to +70
˚C
*2 Storage temperature
Tstg
−20 to +80
˚C
1 Sink current refer to Fig.5.
2 The connector should be plugged in/out at normal temperature.
(Ta=25˚C)
Parameter
Symbol
Condhitions
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
4.75
5.25
V
Current dissipation (I)
ICC
Smoothing value VCC=5V, RL=∞−
30
mA
*3 Current dissipation (II)
ICCP
Pulse peak value VCC=5V
−−
150
mA
Low level output voltage
VOL
VCC=5V, IOL=16mA, at detecting time
−−
0.4
V
High level output voltage
VOH
VCC=5V, RL=1kΩ, at non detecting time
4.5
−−
V
*4 Non detection distance
LLHL
KODAK Gray Cards, VCC=5V
−−
90
mm
GP2A210LCSJF
−−
70
*4 Detection distance
LHLS
KODAK Gray Cards, VCC=5V
−−
2
mm
Black paper, VCC=5V
−−
5
LHLL
KODAK Gray Cards , VCC=5V
22
−−
mm
Black paper, VCC=5V
15
−−
*5 Response time
tPLH
VCC=5V
−−
1ms
tPHL
−−
1ms
*6 Acceptable illuminance
Ev1
3 000
−−
lx
Ev2
1 500
−−
lx
3 Refer to Fig.1.
4 Refer to Fig.2.
5 Refer to Fig.3.
*6 Refer to Fig.4.
Reflective object
Black paper (black)
: Standard reflective object (provided by SHARP Corporation)
KODAK Gray Cards (use the white side reflects about 90%)
: Standard reflective object (provided by SHARP Corporation)
PPC paper
: Standard reflective object (provided by SHARP Corporation)


Similar Part No. - GP2A200LCS0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A200LCS SHARP-GP2A200LCS Datasheet
65Kb / 5P
   Light Modulation, Reflective Type Photointerrupter
More results

Similar Description - GP2A200LCS0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
   OPIC Photointerrupter with Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com