Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP2A200LCS0F Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2A200LCS0F
Description  Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A200LCS0F Datasheet(HTML) 3 Page - Sharp Corporation

  GP2A200LCS0F Datasheet HTML 1Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 2Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 3Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 4Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 5Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 6Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 7Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 8Page - Sharp Corporation GP2A200LCS0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Sheet No.: D3-A05101EN
GP2A200LCS0F Series
repeats in a 10 year cycle
Date code (2 digit)
1st digit
2nd digit
Year of production
Month of production
A.D.
Mark
Month
Mark
2000
0
1
1
2001
1
2
2
2002
2
3
3
2003
3
4
4
2004
4
5
5
2005
5
6
6
2006
6
7
7
2007
7
8
8
2008
8
9
9
2009
9
10
X
2010
0
11
Y
:
:
12
Z
Country of origin
Japan


Similar Part No. - GP2A200LCS0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A200LCS SHARP-GP2A200LCS Datasheet
65Kb / 5P
   Light Modulation, Reflective Type Photointerrupter
More results

Similar Description - GP2A200LCS0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
   OPIC Photointerrupter with Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com