Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1S196HCZSF Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S196HCZSF
Description  Gap : 1.1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S196HCZSF Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S196HCZSF Datasheet HTML 1Page - Sharp Corporation GP1S196HCZSF Datasheet HTML 2Page - Sharp Corporation GP1S196HCZSF Datasheet HTML 3Page - Sharp Corporation GP1S196HCZSF Datasheet HTML 4Page - Sharp Corporation GP1S196HCZSF Datasheet HTML 5Page - Sharp Corporation GP1S196HCZSF Datasheet HTML 6Page - Sharp Corporation GP1S196HCZSF Datasheet HTML 7Page - Sharp Corporation GP1S196HCZSF Datasheet HTML 8Page - Sharp Corporation GP1S196HCZSF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GP1S196HCZ0F/GP1S196HCZSF
1
Sheet No.: D3-A01001EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
GP1S196HCZ0F
GP1S196HCZSF
Gap : 1.1mm, Slit : 0.3mm
Phototransistor Output,
Compact Transmissive
Photointerrupter
■ Description
GP1S196HCZ0F is a compact-package, photo-tran-
sistor output, transmissive photointerrupter, with oppos-
ing emitter and detector in a molding that provides non-
contact sensing. The compact package series is a result
of unique technology combing transfer and injection
molding.
This device is half the size of the rest of the parts in
this family.
■ Features
1. Transmissive with phototransistor output
2. Highlights :
• Compact Size
• Low Profile
• Narrow Gap
• Through-hole : GP1S196HCZ0F
• SMT : GP1S196HCZSF
3. Key Parameters :
• Gap Width : 1.1mm
• Slit Width (detector side): 0.3mm
• Package : 3.1×2×2.7mm
4. Lead free and RoHS directive compliant
■ Agency approvals/Compliance
1. Compliant with RoHS directive
■ Applications
1. General purpose detection of object presence or mo-
tion.
2. Example : printer, lens control for camera


Similar Part No. - GP1S196HCZSF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S10 SHARP-GP1S10 Datasheet
55Kb / 4P
   Photointerrupter with Dust Cover
GP1S11 SHARP-GP1S11 Datasheet
133Kb / 4P
   LINEAR OUTPUT TYPE PHOTOINTERRUPTER
GP1S173LCS2F SHARP-GP1S173LCS2F Datasheet
344Kb / 10P
   Gap : 5.0mm Slit : 0.5mm Phototransistor Output, Compact Transmissive Photointerrupter with connector
More results

Similar Description - GP1S196HCZSF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S093HCZ0F SHARP-GP1S093HCZ0F Datasheet
136Kb / 9P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S95J0000F SHARP-GP1S95J0000F Datasheet
138Kb / 10P
   Gap : 1.6mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S97J0000F SHARP-GP1S97J0000F Datasheet
139Kb / 10P
   Gap : 2.2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S93J0000F SHARP-GP1S93J0000F Datasheet
141Kb / 10P
   Gap : 2mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S094HCZ0F SHARP-GP1S094HCZ0F Datasheet
137Kb / 9P
   Gap : 3mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S097HCZ0F SHARP-GP1S097HCZ0F Datasheet
133Kb / 9P
   Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
   Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S96J0000F SHARP-GP1S96J0000F Datasheet
134Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S096HCZ0F SHARP-GP1S096HCZ0F Datasheet
135Kb / 9P
   Gap : 1mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
GP1S092HCPIF SHARP-GP1S092HCPIF Datasheet
155Kb / 13P
   SMT, Gap : 2mm, Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com