Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7385GP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA7385GP
Description  Error correction and host interface IC for CD-ROM SEQUOIA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7385GP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA7385GP Datasheet HTML 3Page - NXP Semiconductors SAA7385GP Datasheet HTML 4Page - NXP Semiconductors SAA7385GP Datasheet HTML 5Page - NXP Semiconductors SAA7385GP Datasheet HTML 6Page - NXP Semiconductors SAA7385GP Datasheet HTML 7Page - NXP Semiconductors SAA7385GP Datasheet HTML 8Page - NXP Semiconductors SAA7385GP Datasheet HTML 9Page - NXP Semiconductors SAA7385GP Datasheet HTML 10Page - NXP Semiconductors SAA7385GP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
1996 Jun 19
7
Philips Semiconductors
Preliminary specification
Error correction and host interface IC for
CD-ROM (SEQUOIA)
SAA7385
LA1
52
O
CMOS S2, PU25
EPROM latched lower address; bit LA1
LA2
53
O
CMOS S2, PU25
EPROM latched lower address; bit LA2
LA3
54
O
CMOS S2, PU25
EPROM latched lower address; bit LA3
VDD4
55
−−
power supply 4
LA4
56
O
CMOS S2, PU25
EPROM latched lower address; bit LA4
LA5
57
O
CMOS S2, PU25
EPROM latched lower address; bit LA5
LA6
58
O
CMOS S2, PU25
EPROM latched lower address; bit LA6
LA7
59
O
CMOS S2, PU25
EPROM latched lower address; bit LA7
VSS7
60
−−
ground 7
A8
61
O
CMOS S2, PU25
EPROM upper address; bit A8
A9
62
O
CMOS S2, PU25
EPROM upper address; bit A9
A10
63
O
CMOS S2, PU25
EPROM upper address; bit A10
A11
64
O
CMOS S2, PU25
EPROM upper address; bit A11
A12
65
O
CMOS S2, PU25
EPROM upper address; bit A12
A13
66
O
CMOS S2, PU25
EPROM upper address; bit A13
A14
67
O
CMOS S2, PU25
EPROM upper address; bit A14
A15
68
O
CMOS S2, PU25
EPROM upper address; bit A15
PSEN
69
O
CMOS 2, PU25
program store enable; active LOW
VSS8
70
−−
ground 8
IO
71
I/O
SCSI
SCSI phase signal, active LOW
REQ
72
I/O
SCSI
SCSI request, active LOW
CD
73
I/O
SCSI
SCSI phase signal, active LOW
SEL
74
I/O
SCSI
SCSI select, active LOW
VSS9
75
−−
ground 9
MSG
76
I/O
SCSI
SCSI phase signal, active LOW
ACK
77
I/O
SCSI
SCSI acknowledge, active LOW
BSY
78
I/O
SCSI
SCSI busy, active LOW
VSS10
79
−−
ground 10
ATN
80
I/O
SCSI
output in initiator mode; input in target mode, active LOW
VDD5
81
−−
power supply 5
SDP
82
I/O
SCSI
SCSI parity, active LOW
SD7
83
I/O
SCSI
SCSI data bus; bit SD7
SD6
84
I/O
SCSI
SCSI data bus; bit SD6
SD5
85
I/O
SCSI
SCSI data bus; bit SD5
VSS11
86
−−
ground 11
SD4
87
I/O
SCSI
SCSI data bus; bit SD4
SD3
88
I/O
SCSI
SCSI data bus; bit SD3
SD2
89
I/O
SCSI
SCSI data bus; bit SD2
SD1
90
I/O
SCSI
SCSI data bus; bit SD1
SD0
91
I/O
SCSI
SCSI data bus; bit SD0
VSS12
92
−−
ground 12
SYMBOL
PIN
I/O
PAD
DESCRIPTION


Similar Part No. - SAA7385GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7380GP PHILIPS-SAA7380GP Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7381 PHILIPS-SAA7381 Datasheet
380Kb / 108P
   ATAPI CD-R block decoder
1997 Aug 12
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7382GP PHILIPS-SAA7382GP Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
More results

Similar Description - SAA7385GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7388 PHILIPS-SAA7388 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 26
logo
Sanyo Semicon Device
LC89515K SANYO-LC89515K Datasheet
57Kb / 6P
   CD-ROM/CD-I Error Correction/ Host Interface LSI
LC89513K SANYO-LC89513K Datasheet
108Kb / 4P
   CD-ROM Error Correction LSI for Integrated Host CPU System
LC8956 SANYO-LC8956 Datasheet
226Kb / 8P
   Error Correction and ADPCM Decoder IC for CD-1/CD-ROM XA Systems
LC895170W SANYO-LC895170W Datasheet
117Kb / 5P
   CD-ROM Error Correction LSI
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com