Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ25D Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBJ25D
Description  25A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBJ25D Datasheet(HTML) 1 Page - Won-Top Electronics

  KBJ25D Datasheet HTML 1Page - Won-Top Electronics KBJ25D Datasheet HTML 2Page - Won-Top Electronics KBJ25D Datasheet HTML 3Page - Won-Top Electronics KBJ25D Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBJ25A – KBJ25M
1 of 4
© 2006 Won-Top Electronics
Pb
KBJ25A – KBJ25M
25A SINGLE-PHASE BRIDGE RECTIFIER
Features
Diffused Junction
Low Forward Voltage Drop
A
High Current Capability
G
High Reliability
High Surge Current Capability
B
Ideal for Printed Circuit Boards
C
+
~
~
-
Recognized File # E157705
H
K
D
J
E
Mechanical Data
P
R
R
Case: KBJ-6, Molded Plastic
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
N
Polarity: As Marked on Body
Weight: 7.4 grams (approx.)
Mounting Position: Any
S
G
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
T
L
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBJ
25A
KBJ
25B
KBJ
25D
KBJ
25G
KBJ
25J
KBJ
25K
KBJ
25M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
(Note 1)
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
350
A
Forward Voltage per diode
@IF = 12.5A
VFM
1.05
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
10
350
µA
Typical Thermal Resistance per leg (Note 2)
RθJA
22
°C/W
Typical Thermal Resistance per leg (Note 1)
RθJC
1.0
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Device mounted on 220 x 220 x 1.6mm thick Al plate heatsink.
2. Device mounted on P.C.B. without heatsink.
WTE
POWER SEMICONDUCTORS
KBJ-6
Dim
Min
Max
A
29.7
30.3
B
19.7
20.3
C
5.0
D
17.0
18.0
E
3.8
4.2
G
3.1Ø
3.4Ø
H
2.3
2.7
J
0.9
1.1
K
1.8
2.2
L
0.6
0.8
M
4.8
5.3
N
4.05
4.35
P
9.8
10.2
R
7.3
7.7
S
10.8
11.2
T
2.3
2.7
All Dimensions in mm


Similar Part No. - KBJ25D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ25D WTE-KBJ25D Datasheet
49Kb / 3P
   25A BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ25D DAESAN-KBJ25D Datasheet
233Kb / 2P
   CURRENT 25.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ25D BILIN-KBJ25D Datasheet
140Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBJ25D CHENG-YI-KBJ25D Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBJ25D LUGUANG-KBJ25D Datasheet
156Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - KBJ25D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
   25A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB2505W TAITRON-MB2505W Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
MB2505 TAITRON-MB2505 Datasheet
143Kb / 4P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25 WTE-KBPC25 Datasheet
54Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ25 NELLSEMI-KBJ25 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 25A
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250_10 Datasheet
47Kb / 3P
   25A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC25P WTE-KBPC25P Datasheet
55Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBPC25 NELLSEMI-KBPC25 Datasheet
1Mb / 3P
   Single-Phase Bridge Rectifier, 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
   25A SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com