Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSSR2403103JTF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSSR2403103JTF
Description  Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSR2403103JTF Datasheet(HTML) 2 Page - Vishay Siliconix

  VSSR2403103JTF Datasheet HTML 1Page - Vishay Siliconix VSSR2403103JTF Datasheet HTML 2Page - Vishay Siliconix VSSR2403103JTF Datasheet HTML 3Page - Vishay Siliconix VSSR2403103JTF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VTSR, VSSR, VSOR
Vishay Thin Film
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60003
22
Revision: 11-Jun-07
DIMENSIONS AND IMPRINTING in inches and millimeters
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Electrical Specifications
16, 20, 24
Resistance Range
10
Ω to 47 kΩ
per E - 24 table
TCR:
Tracking
NA
Absolute
± 100 ppm/°C
- 55 °C to + 125 °C
Tolerance:
Ratio
NA
Absolute
± 5 % standard (± 2 % available)/per E - 24 table
± 1 % standard (check factory)/per E - 96 table
per E - 24 table
per E - 96 table
Power Rating:
Resistor
100 mW (Maximum)
at + 70 °C
Package
16 = 1.0 W 20 = 1.2 W 24 = 1.4 W
0 °C to + 70 °C
Voltage Coefficient
5 ppm/V typical
Working Voltage
50 VDC
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 150 °C
Noise
< - 35 dB
F
A
Pin #1
G
W
J
H
E
B
C
D
xxxx
Date
Code
Part Marking-Model, Pin Count (Optional), Schematic
Resistance
Value
Code
MODEL
A
B
(Ref.)
C
(Ref.)
D
E
(Typ.)
FG
H
J
(Ref.)
W
16 PIN
20 PIN
24 PIN
VTSR-xxxx
-
0.256 ± 0.003 0.306 ± 0.003 0.0256 0.0087 0.004
0.024 0.173 ± 0.003 0.015 × 45° 0.252 ± 0.005 0.005 0.043 ± 0.005
(millimeters)
-
6.50 ± 0.08
7.77 ± 0.08
0.65
0.22
0.10
0.61
4.39 ± 0.08
0.38
6.40 ± 0.13
0.13
1.09 ± 0.13
VSSR-xxxx 0.193 ± 0.004 0.341 ± 0.003 0.341 ± 0.003 0.025
0.010
0.006
0.025 0.154 ± 0.003 0.015 × 45° 0.236 ± 0.008 0.010 0.064 ± 0.005
(millimeters) 4.90 ± 0.010
8.66 ± 0.08
8.66 ± 0.08
0.64
0.25
0.15
0.64
3.91 ± 0.08
0.38
5.99 ± 0.20
0.25
1.63 ± 0.13
VSOR-xxxx 0.390 ± 0.010
NA
NA
0.050
0.016
0.008
0.030 0.152 ± 0.003 0.015 × 45° 0.236 ± 0.005 0.008 0.064 ± 0.005
(millimeters)
9.91 ± 0.25
NA
NA
1.27
0.41
0.20
0.76
3.86 ± 0.08
0.38
5.99 ± 0.13
0.20
1.63 ± 0.13
MARKING
MODEL
PIN COUNT
(optional)
SCHEMATIC
RESISTANCE
OR
RESISTANCE
DATE CODE
VXXX
XX
XX
XXXX
XXX
XXXX
VSOR
VSSR
VTSR
16
20
24
01, 03,
05 or 47
1 % RESISTANCE
e.g.: 43R2
4 digits are used to
express ohmic values only
less than 100
Ω. R is used
to designate the decimal
position
1 %, 2 %, 5 % RESISTANCE
e.g.: 103 = 10K
The first 2 digits are significant
figures, the last digit specifies
the number of zeros to follow.


Similar Part No. - VSSR2403103JTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSSR2403 VISHAY-VSSR2403 Datasheet
131Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
More results

Similar Description - VSSR2403103JTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
WOMC VISHAY-WOMC Datasheet
106Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 10-May-06
WOMC VISHAY-WOMC_08 Datasheet
249Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 15-May-07
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
   Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 08-Jan-12
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com