Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66319-G180-X1 Datasheet(PDF) 2 Page - EPCOS

Part # B66319-G180-X1
Description  E 30/15/7 Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66319-G180-X1 Datasheet(HTML) 2 Page - EPCOS

  B66319-G180-X1 Datasheet HTML 1Page - EPCOS B66319-G180-X1 Datasheet HTML 2Page - EPCOS B66319-G180-X1 Datasheet HTML 3Page - EPCOS B66319-G180-X1 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
417 08/01
Coil former (magnetic axis horizontal or vertical)
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5s
Winding:
see “Processing Notes”, page 159
Squared pins
Yoke
Material:
Stainless spring steel (0,4 mm)
Figure 1, horizontal version
Coil former
Ordering code
Figure
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
1
1
90
56
21
14
B66232-A1114-T1
2
1
90
56
21
12
B66232-J1112-T1
Yoke (ordering code per piece, 2 are required)
B66232-A2010
22,86
17
0,2
8,9 _
7,5+0,2
0,3
19,2 _
_
35,4 0,5
0,7
0,8
0,8
0,3
_
19,1
Hole arrangement
View in
mounting direction
FEK0122-J
B66232
Accessories
E 30/15/7


Similar Part No. - B66319-G180-X1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66319 EPCOS-B66319 Datasheet
180Kb / 6P
   Ferrites and accessories
B66319 EPCOS-B66319 Datasheet
371Kb / 9P
   Ferrites and accessories
B66319G0000X127 EPCOS-B66319G0000X127 Datasheet
180Kb / 6P
   Ferrites and accessories
B66319G0000X127 EPCOS-B66319G0000X127 Datasheet
444Kb / 6P
   EF coil formers
B66319G0000X127 EPCOS-B66319G0000X127 Datasheet
371Kb / 9P
   Ferrites and accessories
More results

Similar Description - B66319-G180-X1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66315 EPCOS-B66315 Datasheet
74Kb / 2P
   E 25,4/10/7 Core
B66325 EPCOS-B66325 Datasheet
78Kb / 2P
   E 42/21/15 Core
B66434 EPCOS-B66434 Datasheet
70Kb / 2P
   EV 15/9/7 Core
B66423 EPCOS-B66423 Datasheet
87Kb / 3P
   EFD 30/15/9 Core
B66317 EPCOS-B66317 Datasheet
113Kb / 6P
   E 25/13/7 (EF 25) Core
logo
HARTING Technology Grou...
09-15-007-3001 HARTING-09-15-007-3001 Datasheet
458Kb / 2P
   R 15-7E-ISK-STI Inserts
09-15-007-3121 HARTING-09-15-007-3121 Datasheet
462Kb / 2P
   R 15-7E-ISK-BU Inserts
09-15-007-3101 HARTING-09-15-007-3101 Datasheet
462Kb / 2P
   R 15-7E-ISK-BU Inserts
09-15-007-3021 HARTING-09-15-007-3021 Datasheet
458Kb / 2P
   R 15-7E-ISK-STI Inserts
logo
EPCOS
B66303 EPCOS-B66303 Datasheet
69Kb / 2P
   E 5 Core
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com