Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER203G-TB Datasheet(PDF) 1 Page - Won-Top Electronics

Part # HER203G-TB
Description  2.0A GLASS PASSIVATED ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER203G-TB Datasheet(HTML) 1 Page - Won-Top Electronics

  HER203G-TB Datasheet HTML 1Page - Won-Top Electronics HER203G-TB Datasheet HTML 2Page - Won-Top Electronics HER203G-TB Datasheet HTML 3Page - Won-Top Electronics HER203G-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HER201G – HER208G
1 of 4
© 2006 Won-Top Electronics
Pb
HER201G – HER208G
2.0A GLASS PASSIVATED ULTRAFAST DIODE
Features
!
Glass Passivated Die Construction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-15, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
HER
201G
HER
202G
HER
203G
HER
204G
HER
205G
HER
206G
HER
207G
HER
208G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 2.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
50
75
nS
Typical Junction Capacitance (Note 3)
Cj
60
40
pF
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-15
Dim
Min
Max
A
25.4
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Similar Part No. - HER203G-TB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER203G-T TSC-HER203G-T Datasheet
409Kb / 6P
   2A, 50V - 600V Glass Passivated High Efficient Rectifier
More results

Similar Description - HER203G-TB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
EGP20A ZSELEC-EGP20A Datasheet
92Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
UG2001 ZSELEC-UG2001 Datasheet
89Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
UF200G ZSELEC-UF200G Datasheet
90Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
HER201G ZSELEC-HER201G Datasheet
110Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
UF2A WTE-UF2A_06 Datasheet
56Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
ES2AW ZSELEC-ES2AW Datasheet
107Kb / 2P
   2.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
RS2AW ZSELEC-RS2AW Datasheet
114Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR201G ZSELEC-FR201G Datasheet
118Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR2001G ZSELEC-PR2001G Datasheet
134Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
MUR440 ZSELEC-MUR440 Datasheet
197Kb / 2P
   4A GLASS PASSIVATED ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com