Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1A073LCS Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1A073LCS
Description  Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A073LCS Datasheet(HTML) 5 Page - Sharp Corporation

  GP1A073LCS Datasheet HTML 1Page - Sharp Corporation GP1A073LCS Datasheet HTML 2Page - Sharp Corporation GP1A073LCS Datasheet HTML 3Page - Sharp Corporation GP1A073LCS Datasheet HTML 4Page - Sharp Corporation GP1A073LCS Datasheet HTML 5Page - Sharp Corporation GP1A073LCS Datasheet HTML 6Page - Sharp Corporation GP1A073LCS Datasheet HTML 7Page - Sharp Corporation GP1A073LCS Datasheet HTML 8Page - Sharp Corporation GP1A073LCS Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Sheet No.: D3-A04701EN
GP1A073LCS
Fig.2 Detecting Position Characteristics (1)
Fig.3 Detecting Position Characteristics (2)
0
12345
Output "High"
Output "Low"
Shield
Plate
d
0
VCC=5V, Ta=25˚C
RL=47kΩ
Shield moving distance d (mm)
(Detecting position : d=2.35
±0.3)
0
12345
Output "High"
Output "Low"
0
h
Shield
Plate
VCC=5V, Ta=25˚C
RL=47kΩ
Shield moving distance h (mm)
h=3
+0.3
−1.8
(Detecting position :
)
Fig.1 Output Current vs.
Ambient Temperature
0
2
4
6
8
10
75
50
25
0
Ambient temperature Ta (˚C)
−25 −20
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.


Similar Part No. - GP1A073LCS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A038RBK SHARP-GP1A038RBK Datasheet
84Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A038RBKL SHARP-GP1A038RBKL Datasheet
84Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A038RCK SHARP-GP1A038RCK Datasheet
84Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A038RCKL SHARP-GP1A038RCKL Datasheet
84Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
   OPIC Photointerrupter with Connector
More results

Similar Description - GP1A073LCS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A73AJ000F SHARP-GP1A73AJ000F Datasheet
133Kb / 10P
   Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
GP1A05EJ000F SHARP-GP1A05EJ000F Datasheet
136Kb / 10P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A05AJ000F SHARP-GP1A05AJ000F Datasheet
151Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A75EJ000F SHARP-GP1A75EJ000F Datasheet
129Kb / 10P
   Gap : 5mm Slit : 0.5mm OPIC Output, Screw fi xing type Transmissive Photointerrupter with Connector
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1S74PJ000F SHARP-GP1S74PJ000F Datasheet
149Kb / 12P
   Gap : 5mm Slit : 0.5mm Phototransistor Output, Snap-in fi xing Transmissive Photointerrupter with Connector
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com