Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66206-A2001 Datasheet(PDF) 2 Page - EPCOS

Part # B66206-A2001
Description  E 20/10/6 (EF 20) Core
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66206-A2001 Datasheet(HTML) 2 Page - EPCOS

  B66206-A2001 Datasheet HTML 1Page - EPCOS B66206-A2001 Datasheet HTML 2Page - EPCOS B66206-A2001 Datasheet HTML 3Page - EPCOS B66206-A2001 Datasheet HTML 4Page - EPCOS B66206-A2001 Datasheet HTML 5Page - EPCOS B66206-A2001 Datasheet HTML 6Page - EPCOS B66206-A2001 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
404 08/01
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,05 mm < s < 1,50 mm
K3, K4: 50 nH < AL < 430 nH
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
61,6
– 0,737
88,1
– 0,847
80,9
– 0,865
N87
61,6
– 0,737
88,5
– 0,796
78,4
– 0,873
B66311
Core
E 20/10/6 (EF 20)


Similar Part No. - B66206-A2001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66206 EPCOS-B66206 Datasheet
138Kb / 8P
   Ferrites and accessories
B66206 EPCOS-B66206 Datasheet
356Kb / 11P
   Ferrites and accessories
logo
TDK Electronics
B66206 TDK-B66206 Datasheet
232Kb / 11P
   Ferrites and accessories
logo
EPCOS
B66206A1110T001 EPCOS-B66206A1110T001 Datasheet
138Kb / 8P
   Ferrites and accessories
B66206A2001X000 EPCOS-B66206A2001X000 Datasheet
518Kb / 9P
   EF coil formers
More results

Similar Description - B66206-A2001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66329 EPCOS-B66329 Datasheet
109Kb / 3P
   E 42/21/20 Core
B66375 EPCOS-B66375 Datasheet
75Kb / 2P
   E 80/38/20 Core
B66383 EPCOS-B66383 Datasheet
74Kb / 2P
   E 47/20/16 Core
B66307 EPCOS-B66307 Datasheet
109Kb / 5P
   E 16/8/5 (EF 16) Core
B66317 EPCOS-B66317 Datasheet
113Kb / 6P
   E 25/13/7 (EF 25) Core
B66417 EPCOS-B66417 Datasheet
85Kb / 3P
   EFD 20/10/7 Core
B66229 EPCOS-B66229 Datasheet
105Kb / 3P
   E 32/16/9 (EF 32) Core
logo
Ferroxcube Internationa...
CPH-E20-1S-8P FERROXCUBE-CPH-E20-1S-8P Datasheet
46Kb / 1P
   General data for 8-pins E 20/10/6 coil former
logo
EPCOS
B66457 EPCOS-B66457 Datasheet
71Kb / 2P
   ELP 32/6/20 Core (Without Clamp Recess)
B66393 EPCOS-B66393 Datasheet
73Kb / 2P
   E 16/6/5 Core
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com