Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66317-G-X187 Datasheet(PDF) 2 Page - EPCOS

Part # B66317-G-X187
Description  E 25/13/7 (EF 25) Core
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66317-G-X187 Datasheet(HTML) 2 Page - EPCOS

  B66317-G-X187 Datasheet HTML 1Page - EPCOS B66317-G-X187 Datasheet HTML 2Page - EPCOS B66317-G-X187 Datasheet HTML 3Page - EPCOS B66317-G-X187 Datasheet HTML 4Page - EPCOS B66317-G-X187 Datasheet HTML 5Page - EPCOS B66317-G-X187 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
411 08/01
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 2,00 mm
K3, K4: 60 nH < AL < 570 nH
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N27
90
– 0,731
139
– 0,847
129
– 0,865
N87
90
– 0,731
139
– 0,796
125
– 0,873
B66317
Core
E 25/13/7 (EF 25)


Similar Part No. - B66317-G-X187

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317 Datasheet
232Kb / 8P
   Ferrites and accessories
B66317 EPCOS-B66317 Datasheet
323Kb / 10P
   Ferrites and accessories
B66317G0000X127 EPCOS-B66317G0000X127 Datasheet
232Kb / 8P
   Ferrites and accessories
B66317G0000X127 EPCOS-B66317G0000X127 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X127 EPCOS-B66317G0000X127 Datasheet
479Kb / 9P
   Ferrites and accessories
More results

Similar Description - B66317-G-X187

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66408 EPCOS-B66408 Datasheet
69Kb / 2P
   EV 25/13/13 Core
B66421 EPCOS-B66421 Datasheet
86Kb / 3P
   EFD 25/13/9 Core
B66344 EPCOS-B66344 Datasheet
75Kb / 2P
   E 55/28/25 Core
B66307 EPCOS-B66307 Datasheet
109Kb / 5P
   E 16/8/5 (EF 16) Core
B66311 EPCOS-B66311 Datasheet
139Kb / 7P
   E 20/10/6 (EF 20) Core
B66229 EPCOS-B66229 Datasheet
105Kb / 3P
   E 32/16/9 (EF 32) Core
B66315 EPCOS-B66315 Datasheet
74Kb / 2P
   E 25,4/10/7 Core
B66319 EPCOS-B66319 Datasheet
94Kb / 4P
   E 30/15/7 Core
B66367 EPCOS-B66367 Datasheet
106Kb / 4P
   ETD 49/25/16 Core
logo
Hirose Electric
JR16PA-10S HIROSE-JR16PA-10S_1 Datasheet
569Kb / 11P
   SHELL SIZE 13-25 ALUMINUM CONNECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com