Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H30D30C Datasheet(PDF) 3 Page - Won-Top Electronics

Part # H30D30C
Description  30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

H30D30C Datasheet(HTML) 3 Page - Won-Top Electronics

  H30D30C Datasheet HTML 1Page - Won-Top Electronics H30D30C Datasheet HTML 2Page - Won-Top Electronics H30D30C Datasheet HTML 3Page - Won-Top Electronics H30D30C Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H30D05C – H30D60C
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
505 x 46 x 6.5
30
520 x 145 x 95
1,200
540 x 306 x 115
2,400
18.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
H30DxxC
= Device Number
xx
= 05, 10, 15, 20, 30, 40, 50 or 60
Polarity
= As Marked on Body
Plain Washer
Rectifier
Insulator
Heatsink
6-32 HEX Nut
Recommended isolated mounting when
screw is at heatsink potential. 6-32
hardware is used.
A conical washer should be used to
apply proper force to the device. Screw
should not be tightened with any type of
air-forced torque or equipment that may
cause high impact on device package.
The interface should apply a layer of
thermal grease or a highly conductive
thermal pad for better heat dissipation.
6-32 HEX Head Screw
Conical Washer
H30DxxC


Similar Part No. - H30D30C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
H30D30 MOSPEC-H30D30 Datasheet
144Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(30A,300-600V)
logo
Chenmko Enterprise Co. ...
H30D30PT CHENMKO-H30D30PT Datasheet
88Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - H30D30C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
U30D05C WTE-U30D05C Datasheet
61Kb / 4P
   30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600CT WTE-UF1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600FCT WTE-UF1600FCT_06 Datasheet
60Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGP20A VISHAY-EGP20A Datasheet
111Kb / 5P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
EGP10A VISHAY-EGP10A Datasheet
103Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 20-Aug-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com