Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC4014 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # GBPC4014
Description  40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC4014 Datasheet(HTML) 3 Page - Won-Top Electronics

  GBPC4014 Datasheet HTML 1Page - Won-Top Electronics GBPC4014 Datasheet HTML 2Page - Won-Top Electronics GBPC4014 Datasheet HTML 3Page - Won-Top Electronics GBPC4014 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GBPC40 SERIES
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Case Style
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
GBPC
195 x 195 x 40
50
405 x 205 x 240
500
12.0
GBPC-W
195 x 195 x 40
50
405 x 205 x 240
500
11.0
Note: 1. Paper box, white or brown color.
BULK
+ WTE
GBPC40xxW
AC
GBPC
+ WTE
GBPC40xx
AC
GBPC-W
WTE
= Manufacturer’s Logo
GBPC40xx
= Device Number
xx
= 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16
Polarity
= As Marked on Body
WTE
= Manufacturer’s Logo
GBPC40xxW
= Device Number
xx
= 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16
Polarity
= As Marked on Body


Similar Part No. - GBPC4014

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC4014S WTE-GBPC4014S Datasheet
73Kb / 4P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBPC4014

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBPC4000 ZSELEC-GBPC4000 Datasheet
90Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC40S WTE-GBPC40S_06 Datasheet
73Kb / 4P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC4000 ZSELEC-KBPC4000 Datasheet
388Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Leshan Radio Company
S15VB10 LRC-S15VB10 Datasheet
45Kb / 2P
   High Current Glass Passivated Single-Phase Bridge Rectifier
S25VB10 LRC-S25VB10 Datasheet
80Kb / 1P
   High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC40 WTE-KBPC40_06 Datasheet
54Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40P WTE-KBPC40P Datasheet
55Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40S WTE-KBPC40S Datasheet
73Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Leshan Radio Company
D5SB10 LRC-D5SB10 Datasheet
247Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510M LRC-MP3510M Datasheet
206Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com