Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU6M Datasheet(PDF) 2 Page - Won-Top Electronics

Part # GBU6M
Description  6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBU6M Datasheet(HTML) 2 Page - Won-Top Electronics

  GBU6M Datasheet HTML 1Page - Won-Top Electronics GBU6M Datasheet HTML 2Page - Won-Top Electronics GBU6M Datasheet HTML 3Page - Won-Top Electronics GBU6M Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GBU6A – GBU6M
2 of 4
© 2006 Won-Top Electronics
0.1
1.0
10
100
0.2
0.0
0.6
1.0
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T= 25 C
j
°
Pulse width = 300µs
1.4
0
40
80
120
160
180
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
T= 25 C
j
°
Single half-sine-wave
(JEDEC method)
0
0
2
4
6
25
50
75
100
125
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
Resistive or
Inductive load
3
5
1
With heatsink
10
100
1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f = 1.0MHz
T= 25 C
j
°


Similar Part No. - GBU6M

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
GBU6M DSK-GBU6M Datasheet
180Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Zowie Technology Corpor...
GBU6M ZOWIE-GBU6M Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
GBU6M GOOD-ARK-GBU6M Datasheet
172Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 6.0 Amperes
logo
Leshan Radio Company
GBU6M LRC-GBU6M Datasheet
184Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Formosa MS
GBU6M FORMOSA-GBU6M Datasheet
120Kb / 6P
   Bridge Rectifier
More results

Similar Description - GBU6M

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
GBJ6005 SMC-GBJ6005 Datasheet
294Kb / 4P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU6005 SMCDIODE-GBU6005 Datasheet
349Kb / 5P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
KBPC600G WTE-KBPC600G_06 Datasheet
47Kb / 4P
   6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG6KB05 SMCDIODE-UG6KB05 Datasheet
391Kb / 5P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Sangdest Microelectroni...
GBU6005 SMC-GBU6005 Datasheet
162Kb / 4P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
KBU600G WTE-KBU600G_06 Datasheet
59Kb / 4P
   6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ6A WTE-GBJ6A Datasheet
61Kb / 4P
   6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
GBU6005G SMCDIODE-GBU6005G Datasheet
370Kb / 5P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
GBJ6005 SMCDIODE-GBJ6005 Datasheet
415Kb / 5P
   Single-Phase 6.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com