Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU4M Datasheet(PDF) 4 Page - Won-Top Electronics

Part # GBU4M
Description  4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBU4M Datasheet(HTML) 4 Page - Won-Top Electronics

  GBU4M Datasheet HTML 1Page - Won-Top Electronics GBU4M Datasheet HTML 2Page - Won-Top Electronics GBU4M Datasheet HTML 3Page - Won-Top Electronics GBU4M Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GBU4A – GBU4M
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
GBU4A
SIL Bridge
1000 Units/Box
GBU4B
SIL Bridge
1000 Units/Box
GBU4D
SIL Bridge
1000 Units/Box
GBU4G
SIL Bridge
1000 Units/Box
GBU4J
SIL Bridge
1000 Units/Box
GBU4K
SIL Bridge
1000 Units/Box
GBU4M
SIL Bridge
1000 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, GBU4A-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - GBU4M

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GBU4M SUNMATE-GBU4M Datasheet
281Kb / 2P
   GLASSN PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
GBU4M FAIRCHILD-GBU4M Datasheet
743Kb / 3P
   4.0 Ampere Bridge Rectifiers
logo
Vishay Siliconix
GBU4M VISHAY-GBU4M Datasheet
105Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
01-Jan-2022
GBU4M VISHAY-GBU4M Datasheet
102Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 22-Jan-08
logo
Diotec Semiconductor
GBU4M DIOTEC-GBU4M Datasheet
114Kb / 2P
   Silicon-Bridge-Rectifiers
More results

Similar Description - GBU4M

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG4KB05 SMCDIODE-UG4KB05 Datasheet
385Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
KBU400G WTE-KBU400G_06 Datasheet
51Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBL400G WTE-KBL400G_06 Datasheet
45Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
UG4KB05 SMC-UG4KB05 Datasheet
178Kb / 4P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
GBJ4A WTE-GBJ4A Datasheet
61Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com