Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7376 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7376
Description  Digital servo processor and Compact Disc decoder CD7
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7376 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7376 Datasheet HTML 2Page - NXP Semiconductors SAA7376 Datasheet HTML 3Page - NXP Semiconductors SAA7376 Datasheet HTML 4Page - NXP Semiconductors SAA7376 Datasheet HTML 5Page - NXP Semiconductors SAA7376 Datasheet HTML 6Page - NXP Semiconductors SAA7376 Datasheet HTML 7Page - NXP Semiconductors SAA7376 Datasheet HTML 8Page - NXP Semiconductors SAA7376 Datasheet HTML 9Page - NXP Semiconductors SAA7376 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
1998 Feb 26
6
Philips Semiconductors
Product specifications
Digital servo processor and Compact Disc
decoder (CD7)
SAA7376
Note
1. All supply pins must be connected to the same external power supply voltage.
V4
41
versatile output pin 4
V3
42
versatile output pin 3 (open-drain)
KILL
43
kill output (programmable; open-drain)
TEST4
44
test output pin; this pin should be left unconnected
DATA
45
serial data output (3-state)
WCLK
46
word clock output (3-state)
VDDD2(P)
47(1)
digital supply voltage 2 for periphery
SCLK
48
serial bit clock output (3-state)
VSSD3
49(1)
digital ground 3
CL4
50
4.2336 MHz microcontroller clock output
SDA
51
microcontroller interface data I/O line (open-drain output)
SCL
52
microcontroller interface clock line input
RAB
53
microcontroller interface R/W and load control line input (4-wire bus mode)
SILD
54
microcontroller interface R/W and load control line input (4-wire-bus mode)
n.c.
55
not connected
VSSD4
56(1)
digital ground 4
RESET
57
power-on reset input (active LOW)
STATUS
58
servo interrupt request line/decoder status register output (open-drain)
VDDD3(C)
59(1)
digital supply voltage 3 for core
C2FAIL
60
indication of correction failure output (open-drain)
CFLG
61
correction flag output (open-drain)
V1
62
versatile input pin 1
V2
63
versatile input pin 2
LDON
64
laser drive on output (open-drain)
SYMBOL
PIN
DESCRIPTION


Similar Part No. - SAA7376

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7371GP PHILIPS-SAA7371GP Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
More results

Similar Description - SAA7376

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
SAA7374 PHILIPS-SAA7374 Datasheet
324Kb / 60P
   Low voltage digital servo processor and Compact Disc decoder CD7LV
1998 Feb 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com