Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC50 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # GBPC50
Description  50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC50 Datasheet(HTML) 1 Page - Won-Top Electronics

  GBPC50 Datasheet HTML 1Page - Won-Top Electronics GBPC50 Datasheet HTML 2Page - Won-Top Electronics GBPC50 Datasheet HTML 3Page - Won-Top Electronics GBPC50 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBPC50 SERIES
1 of 4
© 2006 Won-Top Electronics
Pb
GBPC50 SERIES
50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
A
A
!
Low Reverse Leakage Current
C
C
!
Low Power Loss, High Efficiency
G
G
!
Electrically Isolated Epoxy Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
!
Recognized File # E157705
                  
H
H
Mechanical Data
E
E
!
Case: Molded Plastic with Heatsink, Available
B
B
in Both Low Profile and Standard Case
!
Terminals: Plated Faston Lugs or Wire Leads,
Add “W” Suffix to Indicate Wire Leads
!
Polarity: As Marked on Case
!
Mounting: Through Hole with #10 Screw
!
Mounting Torque: 23 cm-kg (20 in-lbs) Max.
!
Weight: 21 grams (GBPC); 18 grams (GBPC-W)
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
GBPC50
Characteristic
Symbol
00
01
02
04
06
08
10
12
14
16
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000 1200 1400 1600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
840
980
1120
V
Average Rectified Output Current @TC = 50°C
IO
50
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
450
A
Forward Voltage per leg
@IF = 25A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
5.0
500
µA
I2t Rating for Fusing (t < 8.3ms)
I2t
800
A2s
Typical Junction Capacitance (Note 1)
Cj
400
pF
Typical Thermal Resistance per leg (Note 2)
RJC
1.0
°C/W
RMS Isolation Voltage from Case to Leads
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on 229 x 152 x 127mm Al. finned plate.
WTE
POWER SEMICONDUCTORS
GBPC
Low Profile / Standard
GBPC-W
Low Profile / Standard
Dim
Min
Max
Min
Max
A
28.40
28.70
28.40
28.70
B
7.50 / 10.97
8.50 / 11.23
7.50 / 10.97
8.50 / 11.23
C
15.70
16.70
17.10
19.10
D
17.50
18.50
10.90
11.90
E
19.08 / 22.86
21.58 / 25.40
30.50
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm
GBPC
GBPC-W


Similar Part No. - GBPC50

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBPC50 TSC-GBPC50 Datasheet
121Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Diotech Company.
GBPC50 DIOTECH-GBPC50 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
GBPC50 TSC-GBPC50 Datasheet
566Kb / 2P
   High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Nell Semiconductor Co.,...
GBPC50 NELLSEMI-GBPC50 Datasheet
157Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Microdiode Electronics ...
GBPC50 CHENDA-GBPC50 Datasheet
527Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - GBPC50

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBPC5000 ZSELEC-GBPC5000 Datasheet
90Kb / 2P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC5000 ZSELEC-KBPC5000 Datasheet
389Kb / 2P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC50S WTE-GBPC50S Datasheet
73Kb / 4P
   50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Nell Semiconductor Co.,...
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
GBPC50 NELLSEMI-GBPC50 Datasheet
157Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Leshan Radio Company
S15VB10 LRC-S15VB10 Datasheet
45Kb / 2P
   High Current Glass Passivated Single-Phase Bridge Rectifier
S25VB10 LRC-S25VB10 Datasheet
80Kb / 1P
   High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
MTP50A1 NELLSEMI-MTP50A1 Datasheet
699Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 50A
MTP50W NELLSEMI-MTP50W Datasheet
395Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 50A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com