Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC40S Datasheet(PDF) 4 Page - Won-Top Electronics

Part # GBPC40S
Description  40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC40S Datasheet(HTML) 4 Page - Won-Top Electronics

  GBPC40S_06 Datasheet HTML 1Page - Won-Top Electronics GBPC40S_06 Datasheet HTML 2Page - Won-Top Electronics GBPC40S_06 Datasheet HTML 3Page - Won-Top Electronics GBPC40S_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GBPC40S SERIES
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
GBPC4000S
SIL Bridge
80 Units/Box
GBPC4001S
SIL Bridge
80 Units/Box
GBPC4002S
SIL Bridge
80 Units/Box
GBPC4004S
SIL Bridge
80 Units/Box
GBPC4006S
SIL Bridge
80 Units/Box
GBPC4008S
SIL Bridge
80 Units/Box
GBPC4010S
SIL Bridge
80 Units/Box
GBPC4012S
SIL Bridge
80 Units/Box
GBPC4014S
SIL Bridge
80 Units/Box
GBPC4016S
SIL Bridge
80 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, GBPC4000S-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - GBPC40S_06

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC40S WTE-GBPC40S Datasheet
46Kb / 3P
   40,50A IN-LINE BRIDGE RECTIFIER
More results

Similar Description - GBPC40S_06

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBPC4000 ZSELEC-GBPC4000 Datasheet
90Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC4000 ZSELEC-KBPC4000 Datasheet
388Kb / 2P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC40 WTE-GBPC40_06 Datasheet
62Kb / 4P
   40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Leshan Radio Company
S15VB10 LRC-S15VB10 Datasheet
45Kb / 2P
   High Current Glass Passivated Single-Phase Bridge Rectifier
S25VB10 LRC-S25VB10 Datasheet
80Kb / 1P
   High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC40 WTE-KBPC40_06 Datasheet
54Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40P WTE-KBPC40P Datasheet
55Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40S WTE-KBPC40S Datasheet
73Kb / 4P
   40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Leshan Radio Company
D5SB10 LRC-D5SB10 Datasheet
247Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510M LRC-MP3510M Datasheet
206Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com