Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC2501S Datasheet(PDF) 3 Page - Won-Top Electronics

Part # GBPC2501S
Description  25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC2501S Datasheet(HTML) 3 Page - Won-Top Electronics

  GBPC2501S Datasheet HTML 1Page - Won-Top Electronics GBPC2501S Datasheet HTML 2Page - Won-Top Electronics GBPC2501S Datasheet HTML 3Page - Won-Top Electronics GBPC2501S Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GBPC25S SERIES
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
195 x 195 x 40
80
405 x 205 x 240
800
17.0
WTE
GBPC25xxS
WTE
= Manufacturer’s Logo
GBPC25xxS = Device Number
xx
= 00, 01, 02, 04, 06, 08, 10, 12, 14 or 16
Polarity
= As Marked on Body
-
~
~
+
Note: 1. Paper box, white or brown color.
BULK


Similar Part No. - GBPC2501S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC2501 PANJIT-GBPC2501 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
logo
EIC discrete Semiconduc...
GBPC2501 EIC-GBPC2501 Datasheet
100Kb / 2P
   GLASS PASSIVATED SINGLE
logo
HY ELECTRONIC CORP.
GBPC2501 HY-GBPC2501 Datasheet
328Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Surge Components
GBPC2501 SURGE-GBPC2501 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBPC2501 MCC-GBPC2501 Datasheet
173Kb / 3P
   25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBPC2501S

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MB2505GW TAITRON-MB2505GW Datasheet
144Kb / 4P
   25A Single-Phase Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
GBJ25A WTE-GBJ25A Datasheet
61Kb / 4P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU25 NELLSEMI-GBU25 Datasheet
160Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBPC25 NELLSEMI-GBPC25 Datasheet
212Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
logo
Zibo Seno Electronic En...
GBPC2500 ZSELEC-GBPC2500 Datasheet
89Kb / 2P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBJ25 NELLSEMI-GBJ25 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBJ25H NELLSEMI-GBJ25H Datasheet
244Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
GBPC25M NELLSEMI-GBPC25M Datasheet
391Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
logo
Zibo Seno Electronic En...
KBPC2500 ZSELEC-KBPC2500 Datasheet
387Kb / 2P
   25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
GBPC25 NAINA-GBPC25 Datasheet
209Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier, 25A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com