Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC1016 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # GBPC1016
Description  10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBPC1016 Datasheet(HTML) 4 Page - Won-Top Electronics

  GBPC1016 Datasheet HTML 1Page - Won-Top Electronics GBPC1016 Datasheet HTML 2Page - Won-Top Electronics GBPC1016 Datasheet HTML 3Page - Won-Top Electronics GBPC1016 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GBPC10 SERIES
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
GBPC1000
Square Bridge
50 Units/Box
GBPC1000W
Square Bridge
50 Units/Box
GBPC1001
Square Bridge
50 Units/Box
GBPC1001W
Square Bridge
50 Units/Box
GBPC1002
Square Bridge
50 Units/Box
GBPC1002W
Square Bridge
50 Units/Box
GBPC1004
Square Bridge
50 Units/Box
GBPC1004W
Square Bridge
50 Units/Box
GBPC1006
Square Bridge
50 Units/Box
GBPC1006W
Square Bridge
50 Units/Box
GBPC1008
Square Bridge
50 Units/Box
GBPC1008W
Square Bridge
50 Units/Box
GBPC1010
Square Bridge
50 Units/Box
GBPC1010W
Square Bridge
50 Units/Box
GBPC1012
Square Bridge
50 Units/Box
GBPC1012W
Square Bridge
50 Units/Box
GBPC1014
Square Bridge
50 Units/Box
GBPC1014W
Square Bridge
50 Units/Box
GBPC1016
Square Bridge
50 Units/Box
GBPC1016W
Square Bridge
50 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, GBPC1000-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - GBPC1016

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC1016S WTE-GBPC1016S Datasheet
73Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBPC1016

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Won-Top Electronics
KBU1000G WTE-KBU1000G_06 Datasheet
52Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBPC1000 ZSELEC-GBPC1000 Datasheet
89Kb / 2P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBPC10S WTE-GBPC10S Datasheet
73Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ10A WTE-GBJ10A Datasheet
61Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBPC10 ZSELEC-GBPC10 Datasheet
89Kb / 2P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ10 NELLSEMI-KBJ10 Datasheet
238Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Zibo Seno Electronic En...
KBPC1000 ZSELEC-KBPC1000 Datasheet
388Kb / 2P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU10 NELLSEMI-GBU10 Datasheet
159Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Won-Top Electronics
PB1000G WTE-PB1000G_06 Datasheet
62Kb / 4P
   10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com