Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43866W3336M004 Datasheet(PDF) 6 Page - EPCOS

Part # B43866W3336M004
Description  Aluminum electrolytic capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43866W3336M004 Datasheet(HTML) 6 Page - EPCOS

Back Button B43866W3336M004 Datasheet HTML 2Page - EPCOS B43866W3336M004 Datasheet HTML 3Page - EPCOS B43866W3336M004 Datasheet HTML 4Page - EPCOS B43866W3336M004 Datasheet HTML 5Page - EPCOS B43866W3336M004 Datasheet HTML 6Page - EPCOS B43866W3336M004 Datasheet HTML 7Page - EPCOS B43866W3336M004 Datasheet HTML 8Page - EPCOS B43866W3336M004 Datasheet HTML 9Page - EPCOS B43866W3336M004 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
25
°C
ESRmax
120 Hz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
125
°C
mA
IAC,max
100 kHz
105
°C
mA
Ordering code
(composition see
beolow)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 16 mm to 18 × 25 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 10 × 16 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 25 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 160 V DC
10
10
× 16
1162
33.2
6.97
150
210
B43866A1106M***
22
10
× 20
529
15.1
3.17
225
315
B43866A1226M***
33
12.5
× 20
350
10.0
2.10
315
441
B43866A1336M***
47
12.5
× 25
249
7.1
1.49
435
609
B43866A1476M***
68
16
× 20
172
4.9
1.03
533
746
B43866A1686M***
100
16
× 25
116
3.3
0.69
720
1008
B43866A1107M***
220
16
× 31.5
53
1.5
0.32
780
1092
B43866A1227M***
VR = 200 V DC
10
10
× 20
1162
33.2
6.97
158
221
B43866A2106M***
15
10
× 20
774
22.1
4.64
195
273
B43866A2156M***
22
12.5
× 20
529
15.1
3.17
278
389
B43866A2226M***
33
12.5
× 25
350
10.0
2.10
360
504
B43866A2336M***
47
12.5
× 25
249
7.1
1.49
435
609
B43866A2476M***
68
16
× 25
172
4.9
1.03
548
767
B43866A2686M***
100
16
× 31.5
116
3.3
0.69
765
1071
B43866A2107M***
220
18
× 35
53
1.5
0.32
825
1155
B43866A2227M***
VR = 250 V DC
10
10
× 20
1162
33.2
6.97
158
221
B43866F2106M***
15
12.5
× 20
774
22.1
4.64
195
273
B43866F2156M***
22
12.5
× 20
295
8.4
1.77
310
434
B43866W2226M***
33
12.5
× 25
350
10.0
2.10
360
504
B43866F2336M***
47
16
× 20
138
4.0
0.83
530
742
B43866W2476M***
100
20
× 25
65
1.9
0.39
920
1288
B43866W2107M***
VR = 300 V DC
22
12.5
× 20
295
8.4
1.77
310
434
B43866W3226M***
33
16
× 20
197
5.6
1.18
450
630
B43866W3336M***
47
18
× 20
138
4.0
0.83
560
784
B43866W3476M***
100
20
× 25
65
1.9
0.39
920
1288
B43866W3107M***
B43866
Up to 125
°C
Page 6 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43866W3336M004

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43866 EPCOS-B43866 Datasheet
550Kb / 27P
   Aluminum electrolytic capacitors
B43866C1107M000 EPCOS-B43866C1107M000 Datasheet
550Kb / 27P
   Aluminum electrolytic capacitors
B43866C1107M002 EPCOS-B43866C1107M002 Datasheet
550Kb / 27P
   Aluminum electrolytic capacitors
B43866C1107M012 EPCOS-B43866C1107M012 Datasheet
550Kb / 27P
   Aluminum electrolytic capacitors
B43866C1157M000 EPCOS-B43866C1157M000 Datasheet
550Kb / 27P
   Aluminum electrolytic capacitors
More results

Similar Description - B43866W3336M004

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com