Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7372 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SAA7372
Description  Digital servo processor and Compact Disc decoder CD7
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7372 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SAA7372 Datasheet HTML 40Page - NXP Semiconductors SAA7372 Datasheet HTML 41Page - NXP Semiconductors SAA7372 Datasheet HTML 42Page - NXP Semiconductors SAA7372 Datasheet HTML 43Page - NXP Semiconductors SAA7372 Datasheet HTML 44Page - NXP Semiconductors SAA7372 Datasheet HTML 45Page - NXP Semiconductors SAA7372 Datasheet HTML 46Page - NXP Semiconductors SAA7372 Datasheet HTML 47Page - NXP Semiconductors SAA7372 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
1998 Feb 26
44
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc
decoder (CD7)
SAA7372
Servo analog part (VDDA =5V; VSSA =0V; Tamb =25 °C)
PINS D1 TO D4, R1, R2, VRH,VRL AND IrefT
IrefT
input reference current
1.935
5.45
µA
RIrefT
external resistor on pin 10
220
620
k
VIrefT
voltage on reference
current input
1.2
V
ID(max)
maximum input current for
central diode input signal
note 2
3.871
10.9
µA
IR(max)
maximum input current for
satellite diode input signal
note 2
1.935
5.45
µA
VRL
LOW level reference voltage
0
0
0
V
VRH
HIGH level reference
voltage
output state 0; note 3
0.5
V
output state v; note 3
−30%
0.5
× 10v/44.4 +30%
V
output state 31;
note 3
2.5
V
(THD+N)/S
total harmonic distortion plus
noise
at 0 dB; note 4
−−50
−45
dB
S/N
signal-to-noise ratio
55
dB
PSRR
power supply ripple rejection
at VDDA2
note 5
45
dB
Gtol
gain tolerance
note 6
−12
0
+12
%
∆G
v
variation of gain between
channels
−−
2%
α
cs
channel separation
60
dB
Digital inputs
INPUTS: RESET, V1, V2, SELPLL (CMOS INPUT WITH PULL-UP RESISTOR AND HYSTERESIS)
Vthr(sw)
switching voltage threshold
rising
−−
0.8VDDD
V
Vthf(sw)
switching voltage threshold
falling
0.2VDDD
−−
V
Vhys
hysteresis voltage
0.33VDDD
V
RI(pu)
input pull-up resistance
Vi =0V
50
k
Cin
input capacitance
−−
10
pF
tresL
reset pulse width
(active LOW)
RESET only
1
−−
µs
INPUTS: SCL, RAB, SILD AND RCK (CMOS INPUT)
VIL
LOW level input voltage
−0.3
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
VDD + 0.3
V
ILI
input leakage current
Vi =0 − VDD
−10
+10
µA
Cin
input capacitance
−−
10
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SAA7372

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7371GP PHILIPS-SAA7371GP Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
More results

Similar Description - SAA7372

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7327 PHILIPS-SAA7327 Datasheet
392Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
1999 Jun 17
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
   Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
SAA7374 PHILIPS-SAA7374 Datasheet
324Kb / 60P
   Low voltage digital servo processor and Compact Disc decoder CD7LV
1998 Feb 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com