Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR206 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # FR206
Description  2.0A FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

FR206 Datasheet(HTML) 4 Page - Won-Top Electronics

  FR206 Datasheet HTML 1Page - Won-Top Electronics FR206 Datasheet HTML 2Page - Won-Top Electronics FR206 Datasheet HTML 3Page - Won-Top Electronics FR206 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FR201 – FR207
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
FR201-T3
DO-15
4000/Tape & Reel
FR201-TB
DO-15
3000/Tape & Box
FR201
DO-15
1000 Units/Box
FR202-T3
DO-15
4000/Tape & Reel
FR202-TB
DO-15
3000/Tape & Box
FR202
DO-15
1000 Units/Box
FR203-T3
DO-15
4000/Tape & Reel
FR203-TB
DO-15
3000/Tape & Box
FR203
DO-15
1000 Units/Box
FR204-T3
DO-15
4000/Tape & Reel
FR204-TB
DO-15
3000/Tape & Box
FR204
DO-15
1000 Units/Box
FR205-T3
DO-15
4000/Tape & Reel
FR205-TB
DO-15
3000/Tape & Box
FR205
DO-15
1000 Units/Box
FR206-T3
DO-15
4000/Tape & Reel
FR206-TB
DO-15
3000/Tape & Box
FR206
DO-15
1000 Units/Box
FR207-T3
DO-15
4000/Tape & Reel
FR207-TB
DO-15
3000/Tape & Box
FR207
DO-15
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, FR201-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - FR206

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR206 MCC-FR206 Datasheet
460Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Won-Top Electronics
FR206 WTE-FR206 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR206 CHENDA-FR206 Datasheet
581Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR206 GWSEMI-FR206 Datasheet
67Kb / 2P
   2.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR206 TSC-FR206 Datasheet
245Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
More results

Similar Description - FR206

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FR201 ZSELEC-FR201 Datasheet
116Kb / 2P
   2.0A FAST RECOVERY DIODE
PR2001 ZSELEC-PR2001 Datasheet
134Kb / 2P
   2.0A FAST RECOVERY DIODE
RS2A ZSELEC-RS2A Datasheet
148Kb / 2P
   2.0A SURFACE MOUNT FAST RECOVERY DIODE
RS2AW ZSELEC-RS2AW Datasheet
114Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR2A ZSELEC-FR2A Datasheet
124Kb / 2P
   2.0A SURFACE MOUNT FAST RECOVERY DIODE
FR201G ZSELEC-FR201G Datasheet
118Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
FS2A ZSELEC-FS2A Datasheet
74Kb / 2P
   2.0A SURFACE MOUNT FAST RECOVERY DIODE
PR2001G ZSELEC-PR2001G Datasheet
134Kb / 2P
   2.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
TAITRON Components Inco...
TF201 TAITRON-TF201 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
logo
List of Unclassifed Man...
TF201 ETC2-TF201 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com