Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ4K Datasheet(PDF) 1 Page - Won-Top Electronics

Part # GBJ4K
Description  4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GBJ4K Datasheet(HTML) 1 Page - Won-Top Electronics

  GBJ4K Datasheet HTML 1Page - Won-Top Electronics GBJ4K Datasheet HTML 2Page - Won-Top Electronics GBJ4K Datasheet HTML 3Page - Won-Top Electronics GBJ4K Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBJ4A – GBJ4M
1 of 4
© 2006 Won-Top Electronics
Pb
GBJ4A – GBJ4M
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
Low Forward Voltage Drop
A
!
High Current Capability
G
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
C
+
~
~
-
!
Recognized File # E157705
H
                J
L
D
K
E
Mechanical Data
P
P
P
!
Case: KBJ-4, Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
N
!
Polarity: As Marked on Body
!
Weight: 6.0 grams (approx.)
!
Mounting Position: Any
R
G
!
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
S
T
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
GBJ4A GBJ4B GBJ4D GBJ4G GBJ4J GBJ4K GBJ4M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 115°C
(Note 1)
IO
4.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
150
A
Forward Voltage per diode
@IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
10
250
µA
Typical Thermal Resistance per leg (Note 2)
RJA
30
°C/W
Typical Thermal Resistance per leg (Note 1)
RJC
5.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Device mounted on 75 x 75 x 1.6mm thick Al plate heatsink.
2. Device mounted on P.C.B. without heatsink.
WTE
POWER SEMICONDUCTORS
KBJ-4
Dim
Min
Max
A
24.7
25.3
B
14.7
15.3
C
—4.0
D
17.0
18.0
E
3.3
3.7
G
3.1Ø
3.6Ø
H
1.05
1.45
J
1.7
2.1
K
0.9
1.1
L
1.8
2.2
M
4.4
4.8
N
3.4
3.8
P
7.3
7.7
R
9.3
9.7
S
2.5
2.9
T
0.6
0.8
All Dimensions in mm


Similar Part No. - GBJ4K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ4K PANJIT-GBJ4K Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
GBJ4K PANJIT-GBJ4K Datasheet
78Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBJ4K SECOS-GBJ4K Datasheet
287Kb / 2P
   4.0 AMP Glass Passivated Bridge Rectifiers
logo
Formosa MS
GBJ4K FORMOSA-GBJ4K Datasheet
122Kb / 6P
   Bridge Rectifier
logo
Shanghai Shunye Electro...
GBJ4K SY-GBJ4K Datasheet
1Mb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBJ4K

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG4KB05 SMCDIODE-UG4KB05 Datasheet
385Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
KBU400G WTE-KBU400G_06 Datasheet
51Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBL400G WTE-KBL400G_06 Datasheet
45Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
UG4KB05 SMC-UG4KB05 Datasheet
178Kb / 4P
   Single-Phase 4.0A Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
GBU4A WTE-GBU4A_06 Datasheet
59Kb / 4P
   4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com