Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100EL16VOU+ Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AZ100EL16VOU+
Description  ECL/PECL Oscillator Gain Stage and Buffer with Enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AZ100EL16VOU+ Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AZ100EL16VOU+ Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ100EL16VOU+ Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ100EL16VOU+ Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ100EL16VOU+ Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ100EL16VOU+ Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ100EL16VOU+ Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ100EL16VOU+ Datasheet HTML 9Page - List of Unclassifed Manufacturers AZ100EL16VOU+ Datasheet HTML 10Page - List of Unclassifed Manufacturers AZ100EL16VOU+ Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AZ10EL16VO
AZ100EL16VO
June 2007 * REV - 23
www.azmicrotek.com
7
AC Characteristics (VEE = -3.0V to -5.5V; VCC = GND or VEE = GND, VCC = +3.0V to +5.5V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH/tPHL
Propagation Delay
D to Q/Q
¯ Outputs
(SE)
D to QHG/Q
¯ HG Outputs (SE)
100
150
300
450
100
150
300
450
100
150
200
290
300
450
100
150
300
450
ps
tSKEW
Duty Cycle Skew1
(SE)
5
20
5
20
5
20
5
20
ps
VPP (AC)
Input Swing2
80
1000
80
1000
80
1000
80
1000
mV
tr/tf
Output Rise/Fall Times
(20% – 80%)
80
240
80
240
80
135
240
80
240
ps
1.
Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device.
2.
VPP is the peak-to-peak differential input swing for which AC parameters are guaranteed. The device has a voltage gain of ≈20 to Q/Q
¯ outputs
and a voltage gain of
≈100 to QHG/Q¯HG outputs.
0
100
200
300
400
500
600
700
800
900
1000
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
AC PP INPUT
D
D
VPP (AC)
QHG
VOUTpp
QHG
Typical Large Signal Outputs, QHG/Q
¯ HG
Measured with 750mv differential input, VEEP NC, QHG/Q
¯ HG each terminated to VCC-2V via 50 Ω
resistors.


Similar Part No. - AZ100EL16VOU+

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100EL16VOU++ AZM-AZ100EL16VOU+ Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
AZ100EL16VOU++ AZM-AZ100EL16VOU+ Datasheet
743Kb / 15P
   LVPECL Oscillator Gain Stage & Buffer with Enable
More results

Similar Description - AZ100EL16VOU+

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
   Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com