Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100EL16VONB+ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AZ100EL16VONB+
Description  ECL/PECL Oscillator Gain Stage and Buffer with Enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AZ100EL16VONB+ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AZ100EL16VONB+ Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 9Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AZ10EL16VO
AZ100EL16VO
June 2007 * REV - 23
www.azmicrotek.com
6
100K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1,2
2215
2420
2275
2420
2275
2420
2275
2420
mV
VOL
Output LOW Voltage1,2
1400
1745
1400
1680
1400
1680
1400
1680
mV
VIH
Input HIGH Voltage
D/D
¯ 1
EN
¯¯
2135
21351
2910
VCC
2135
21351
2910
VCC
2135
21351
2910
VCC
2135
21351
2910
VCC
mV
VIL
Input LOW Voltage
D/D
¯ 1
EN
¯¯
1050
VEE
1825
18251
1050
VEE
1825
18251
1050
VEE
1825
18251
1050
VEE
1825
18251
mV
VBB
Reference Voltage1
1910
2050
1910
2050
1910
2050
1910
2050
mV
IIH
Input HIGH Current
D/D
¯
EN
¯¯
60
150
60
150
60
150
60
150
μA
IIL
Input LOW Current
D/D
¯
EN
¯¯ 3
0.5
-300
0.5
-300
0.5
-300
0.5
-300
μA
IEE
Power Supply Current
40
40
40
46
mA
1.
For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to VCC – 2V.
3.
Specified with EN
¯¯ forced to VEE.
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage1,2
3915
4120
3975
4120
3975
4120
3975
4120
mV
VOL
Output LOW Voltage1,2
3100
3445
3100
3380
3100
3380
3100
3380
mV
VIH
Input HIGH Voltage
D/D
¯ 1
EN
¯¯
3835
38351
4610
VCC
3835
38351
4610
VCC
3835
38351
4610
VCC
3835
38351
4610
VCC
mV
VIL
Input LOW Voltage
D/D
¯ 1
EN
¯¯
2750
VEE
3525
35251
2750
VEE
3525
35251
2750
VEE
3525
35251
2750
VEE
3525
35251
mV
VBB
Reference Voltage1
3610
3750
3610
3750
3610
3750
3610
3750
mV
IIH
Input HIGH Current
D/D
¯
EN
¯¯
60
150
60
150
60
150
60
150
μA
IIL
Input LOW Current
D/D
¯
EN
¯¯ 3
0.5
-1400
0.5
-1400
0.5
-1400
0.5
-1400
μA
IEE
Power Supply Current
40
40
40
46
mA
1.
For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value.
2.
Each output is terminated through a 50
Ω resistor to VCC – 2V.
3.
Specified with EN
¯¯ forced to VEE.


Similar Part No. - AZ100EL16VONB+

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100EL16VONB++ AZM-AZ100EL16VONB+ Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
More results

Similar Description - AZ100EL16VONB+

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
   Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com