Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100EL16VONB+ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AZ100EL16VONB+
Description  ECL/PECL Oscillator Gain Stage and Buffer with Enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AZ100EL16VONB+ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AZ100EL16VONB+ Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 9Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 10Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 11Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 12Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 13Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AZ10EL16VO
AZ100EL16VO
June 2007 * REV - 23
www.azmicrotek.com
10
Application Circuit for CMOS Inputs
R1
1
Input
Type
AC
Coupled
(C2 in
circuit)
DC
Coupled
(C2
shorted)
3.3 V
CMOS
430 Ω
750 Ω
5 V CMOS
910 Ω
1.8K Ω
1 R1 should be chosen so that the input swing on the D input
with respect to D
¯ is in the range of ±80 to ±1000 mV, per the
AC Characteristics table.
Recommended Component Values for CMOS Single Ended Inputs


Similar Part No. - AZ100EL16VONB+

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100EL16VONB++ AZM-AZ100EL16VONB+ Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
More results

Similar Description - AZ100EL16VONB+

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
   Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com