Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100EL16VONB+ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ100EL16VONB+
Description  ECL/PECL Oscillator Gain Stage and Buffer with Enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AZ100EL16VONB+ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ100EL16VONB+ Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ100EL16VONB+ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AZ10EL16VO
AZ100EL16VO
ECL/PECL Oscillator Gain Stage and Buffer with Enable
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
QHG
Q
Q
D
D
EN
VBB
QHG
PIN/PAD DESCRIPTION
PIN
FUNCTION
D/D
¯
Data Inputs
Q/Q
¯
Data Outputs
QHG/Q
¯ HG
Data Outputs w/High Gain
VBB
Reference Voltage Output
EN
¯¯
Enable Input
VCC
Positive Supply
VEE
Negative Supply
FEATURES
Green and RoHS Compliant Available
250ps Propagation Delay on Q
¯ Output
High Voltage Gain vs. Standard EL16
For Oscillator Applications
Available in 2x2 or 3x3mm MLP Package
75k
Ω Enable Pull-Down Resistor
S–Parameter (.s2p) and IBIS Model
Files Available on Arizona Microtek Website
DESCRIPTION
The AZ10/100EL16VO is an oscillator gain stage with a high gain output buffer including an enable. The
QHG/Q
¯ HG outputs have a voltage gain several times greater than the Q/Q
¯ outputs. An enable input (EN
¯¯ ) allows
continuous oscillator operation. When EN
¯¯ is LOW or floating (NC), input data is passed to both sets of outputs.
When EN
¯¯ is HIGH, the QHG/Q
¯ HG outputs will be forced LOW/HIGH respectively, while input data will continue to
be passed to the Q/Q
¯ outputs. The EN
¯¯ input can be driven with an ECL/PECL signal or a CMOS logic signal.
The input impedance of the D/D
¯ inputs remain constant for all operating modes since forcing the outputs via the
EN
¯¯ pin does not power-down the chip but only disables the high gain QHG/Q
¯ HG outputs.
Input protection diodes are included on the D/D
¯ inputs for enhanced ESD protection.
The EL16VO also provides a VBB output that supports 1.5mA sink/source current. When used, the VBB pin
should be bypassed to ground or VCC via a 0.01μF capacitor.
Any used output must have an external pull down resistor. For 3.3V operation, an 180Ω resistor to VEE is
recommended if an AC coupled load is present. At 5.0V, a 330Ω resistor is recommended for the AC load case.
Alternately, a 50Ω load terminated to VCC – 2V or the Thevenin equivalent may be driven directly. Unused outputs
may be left floating (NC).
NOTE: Specifications in ECL/PECL tables are valid when thermal equilibrium is established.


Similar Part No. - AZ100EL16VONB+

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100EL16VONB++ AZM-AZ100EL16VONB+ Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
More results

Similar Description - AZ100EL16VONB+

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
   Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com