Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER1003CT Datasheet(PDF) 4 Page - Won-Top Electronics

Part # ER1003CT
Description  10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER1003CT Datasheet(HTML) 4 Page - Won-Top Electronics

  ER1003CT Datasheet HTML 1Page - Won-Top Electronics ER1003CT Datasheet HTML 2Page - Won-Top Electronics ER1003CT Datasheet HTML 3Page - Won-Top Electronics ER1003CT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ER1000CT – ER1006CT
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
ER1000CT
TO-220
50 Units/Tube
ER1001CT
TO-220
50 Units/Tube
ER1001ACT
TO-220
50 Units/Tube
ER1002CT
TO-220
50 Units/Tube
ER1003CT
TO-220
50 Units/Tube
ER1004CT
TO-220
50 Units/Tube
ER1006CT
TO-220
50 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, ER1000CT-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - ER1003CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1003CT PANJIT-ER1003CT Datasheet
57Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE- 50 to 400 Volts CURRENT- 10.0 Amperes)?
logo
Won-Top Electronics
ER1003CT WTE-ER1003CT Datasheet
49Kb / 3P
   10A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
ER1003CT PANJIT-ER1003CT Datasheet
43Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER1003CT PANJIT-ER1003CT Datasheet
85Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER1003CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1000FCT WTE-ER1000FCT_06 Datasheet
56Kb / 4P
   10A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1000 WTE-ER1000_06 Datasheet
56Kb / 4P
   10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1000F WTE-ER1000F_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED SUPERFAST RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
ER1600FCT WTE-ER1600FCT_06 Datasheet
54Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Zibo Seno Electronic En...
MUR1010CT ZSELEC-MUR1010CT Datasheet
205Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURB510 ZSELEC-MURB510 Datasheet
229Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810 ZSELEC-MUR810 Datasheet
203Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com