Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER800F Datasheet(PDF) 4 Page - Won-Top Electronics

Part # ER800F
Description  8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ER800F Datasheet(HTML) 4 Page - Won-Top Electronics

  ER800F_06 Datasheet HTML 1Page - Won-Top Electronics ER800F_06 Datasheet HTML 2Page - Won-Top Electronics ER800F_06 Datasheet HTML 3Page - Won-Top Electronics ER800F_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ER800F – ER806F
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
ER800F
ITO-220A
50 Units/Tube
ER801F
ITO-220A
50 Units/Tube
ER801AF
ITO-220A
50 Units/Tube
ER802F
ITO-220A
50 Units/Tube
ER803F
ITO-220A
50 Units/Tube
ER804F
ITO-220A
50 Units/Tube
ER806F
ITO-220A
50 Units/Tube
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, ER800F-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - ER800F_06

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER800F PANJIT-ER800F_05 Datasheet
430Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS
ER800F PANJIT-ER800F_09 Datasheet
92Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER800F_06

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MUR810 ZSELEC-MUR810 Datasheet
203Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
HERF801 ZSELEC-HERF801 Datasheet
51Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810D ZSELEC-MUR810D Datasheet
185Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFB810 ZSELEC-SFB810 Datasheet
122Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR801 ZSELEC-MUR801 Datasheet
159Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR810S ZSELEC-MUR810S Datasheet
184Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Won-Top Electronics
ER800 WTE-ER800_06 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Zibo Seno Electronic En...
MURF810 ZSELEC-MURF810 Datasheet
171Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF810 ZSELEC-SF810 Datasheet
97Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
ER800 ZSELEC-ER800 Datasheet
155Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com