Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7346 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA7346
Description  Shock absorbing RAM addresser
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7346 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA7346 Datasheet HTML 3Page - NXP Semiconductors SAA7346 Datasheet HTML 4Page - NXP Semiconductors SAA7346 Datasheet HTML 5Page - NXP Semiconductors SAA7346 Datasheet HTML 6Page - NXP Semiconductors SAA7346 Datasheet HTML 7Page - NXP Semiconductors SAA7346 Datasheet HTML 8Page - NXP Semiconductors SAA7346 Datasheet HTML 9Page - NXP Semiconductors SAA7346 Datasheet HTML 10Page - NXP Semiconductors SAA7346 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
July 1994
7
Philips Semiconductors
Preliminary specification
Shock absorbing RAM addresser
SAA7346
Fig.5 State machine flow diagram.
handbook, full pagewidth
SHOCK
7
HOLD
4
first nibble
FILL
3
FILL
1
FILL
2
SSD
NSF +
S_NSF
SSD
SSD
RESET
0
reset and sow
flush + reset
flush + reset +
(empty and echo)
HOLD
5
HOLD
6
first nibble
full
SSD
PFB
PFB
flush + reset
SSD and
(NSF + S_NSF)
MGB432
During normal operation the FIFO will fill up because
writing is carried out twice as fast as reading; this is the fill
mode. If the FIFO is full the monitor will detect and set the
full flag. At the same time the fill flag will be reset thus
preventing audio data from being written in to the FIFO.
When the microcontroller reads the full flag from the status
register, the servo control should jump back one track. The
microcontroller enters a wait loop until the same absolute
time subcode frame turns by again; this is the hold mode.
When the spot is found again the microcontroller should
set the PFB flag in the command register and the
SAA7346 will resume writing to the DRAM. While in fill
mode the write pointer address is saved at the end of each
subcode frame. When the player exists hold mode it
restores the saved address and continues writing after the
last sample.
When a shock is detected the SAA7346 will enter shock
mode. The shock mode will last until the PFB is set by the
microcontroller or the FIFO is flushed, reset or runs empty.
Microcontroller interface
The SAA7346 has a 3-line microcontroller interface which
is compatible with TDA1301, TDA1303 and SAA7345.
WRITING DATA TO THE SAA7346
The SAA7346 command register is shown in Table 1. This
can be written to via the microcontroller interface as shown
in Fig.6. The command register flags functions are shown
in Table 2.
Table 1
SAA7346 microcontroller interface registers.
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Command
flush
bypass
echo
jmp_bz
otd_p
e_rot_sd
µCsd
PFB
Status
Lm
Lm1
FRM_ER
NSF
full
empty
SSD
fill


Similar Part No. - SAA7346

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7341 PHILIPS-SAA7341 Datasheet
1,002Kb / 28P
   COMS Digital decoding IC for Compact Disc
November 1991
SAA7341GP PHILIPS-SAA7341GP Datasheet
1,002Kb / 28P
   COMS Digital decoding IC for Compact Disc
November 1991
SAA7345 PHILIPS-SAA7345 Datasheet
92Kb / 40P
   CMOS digital decoding IC with RAM for Compact Disc
1998 Feb 16
SAA7345GP PHILIPS-SAA7345GP Datasheet
92Kb / 40P
   CMOS digital decoding IC with RAM for Compact Disc
1998 Feb 16
SAA7348GP PHILIPS-SAA7348GP Datasheet
205Kb / 60P
   All Compact Disc Engine ACE
1997 Jul 11
More results

Similar Description - SAA7346

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
logo
T-Global Technology
TG-FAM TGLOBAL-TG-FAM Datasheet
864Kb / 4P
   Flexible Absorbing Material
20230721
logo
List of Unclassifed Man...
RB0805 ETC2-RB0805 Datasheet
633Kb / 14P
   Absorbing impact and noise
logo
JIEJIE MICROELECTRONICS...
CP1101SB JIEJIE-CP1101SB Datasheet
224Kb / 5P
   Excellent capability of absorbing transient surge
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
   Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
   Excellent capability of absorbing transient surge
P4000SC LEIDITECH-P4000SC Datasheet
281Kb / 3P
   Excellent xapability of absorbing transient surge
logo
JIEJIE MICROELECTRONICS...
P0080SC JIEJIE-P0080SC Datasheet
240Kb / 5P
   Excellent capability of absorbing transient surge
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
   Excellent capability of absorbing transient surge
P0080SD JIEJIE-P0080SD Datasheet
235Kb / 5P
   Excellent capability of absorbing transient surge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com