Electronic Components Datasheet Search |
|
VTSR1603103JT0 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
VTSR1603103JT0 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 4 page VTSR, VSSR, VSOR Vishay Thin Film Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks www.vishay.com For technical questions, contact: thin-film@vishay.com Document Number: 60003 22 Revision: 11-Jun-07 DIMENSIONS AND IMPRINTING in inches and millimeters STANDARD ELECTRICAL SPECIFICATIONS TEST SPECIFICATIONS CONDITIONS Electrical Specifications 16, 20, 24 Resistance Range 10 Ω to 47 kΩ per E - 24 table TCR: Tracking NA Absolute ± 100 ppm/°C - 55 °C to + 125 °C Tolerance: Ratio NA Absolute ± 5 % standard (± 2 % available)/per E - 24 table ± 1 % standard (check factory)/per E - 96 table per E - 24 table per E - 96 table Power Rating: Resistor 100 mW (Maximum) at + 70 °C Package 16 = 1.0 W 20 = 1.2 W 24 = 1.4 W 0 °C to + 70 °C Voltage Coefficient 5 ppm/V typical Working Voltage 50 VDC Operating Temperature Range - 55 °C to + 125 °C Storage Temperature Range - 55 °C to + 150 °C Noise < - 35 dB F A Pin #1 G W J H E B C D xxxx Date Code Part Marking-Model, Pin Count (Optional), Schematic Resistance Value Code MODEL A B (Ref.) C (Ref.) D E (Typ.) FG H J (Ref.) W 16 PIN 20 PIN 24 PIN VTSR-xxxx - 0.256 ± 0.003 0.306 ± 0.003 0.0256 0.0087 0.004 0.024 0.173 ± 0.003 0.015 × 45° 0.252 ± 0.005 0.005 0.043 ± 0.005 (millimeters) - 6.50 ± 0.08 7.77 ± 0.08 0.65 0.22 0.10 0.61 4.39 ± 0.08 0.38 6.40 ± 0.13 0.13 1.09 ± 0.13 VSSR-xxxx 0.193 ± 0.004 0.341 ± 0.003 0.341 ± 0.003 0.025 0.010 0.006 0.025 0.154 ± 0.003 0.015 × 45° 0.236 ± 0.008 0.010 0.064 ± 0.005 (millimeters) 4.90 ± 0.010 8.66 ± 0.08 8.66 ± 0.08 0.64 0.25 0.15 0.64 3.91 ± 0.08 0.38 5.99 ± 0.20 0.25 1.63 ± 0.13 VSOR-xxxx 0.390 ± 0.010 NA NA 0.050 0.016 0.008 0.030 0.152 ± 0.003 0.015 × 45° 0.236 ± 0.005 0.008 0.064 ± 0.005 (millimeters) 9.91 ± 0.25 NA NA 1.27 0.41 0.20 0.76 3.86 ± 0.08 0.38 5.99 ± 0.13 0.20 1.63 ± 0.13 MARKING MODEL PIN COUNT (optional) SCHEMATIC RESISTANCE OR RESISTANCE DATE CODE VXXX XX XX XXXX XXX XXXX VSOR VSSR VTSR 16 20 24 01, 03, 05 or 47 1 % RESISTANCE e.g.: 43R2 4 digits are used to express ohmic values only less than 100 Ω. R is used to designate the decimal position 1 %, 2 %, 5 % RESISTANCE e.g.: 103 = 10K The first 2 digits are significant figures, the last digit specifies the number of zeros to follow. |
Similar Part No. - VTSR1603103JT0 |
|
Similar Description - VTSR1603103JT0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |