Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB6206P202ME Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB6206P202ME
Description  Low ESR Cap. Compatible Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB6206P202ME Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB6206P202ME Datasheet HTML 1Page - Kingbor Technology Co KB6206P202ME Datasheet HTML 2Page - Kingbor Technology Co KB6206P202ME Datasheet HTML 3Page - Kingbor Technology Co KB6206P202ME Datasheet HTML 4Page - Kingbor Technology Co KB6206P202ME Datasheet HTML 5Page - Kingbor Technology Co KB6206P202ME Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
March 2007
3
(Note 1)
KB6206
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
Absolute Maximum Ratings
Electrical Characteristics
mW
OC
OC
UNIT
V
mA
V
250
500
- 40 ~ + 85
- 55 ~ + 125
DESCRIPTION
9.0
500
VSS - 0.3 ~ VIN + 0.3
SYMBOL
Pd
Topr
Tstg
Storage Temperature
VIN
IOUT
VOUT
Power Dissipation
SOT-23
SOT-89
Operating Ambient Temperature
PARAMETER
Input Voltage
Output Current
Output Voltage
(NOTE 1 )
VOUT(T) = Specified Output Voltage
(NOTE 2)
(NOTE 3)
Vdif = {VIN 1
(NOTE5) + VOUT 1 (NOTE4)}
(NOTE 4 )
(NOTE 5)
VIN 1 = The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
(NOTE 6)
Unless otherwise stated, VIN = VOUT(T)+1.0V
V
M
M
M
%/V
300
IOUT=40mA
-40
OCdToprd85OC
VIN=VOUT+1.5V, VOUT=VSS
CONDITIONS
1mA
dIOUTd100mA
IOUT=90mA
IOUT = 40mA
100
200
400
0.01
IDD
8.0
25
UTopr·VOUT
IOUT=200mA
VIN=4.0V
VOUT(T)+1.0V
dVINd6V
IOUT=40mA
SYMBOL
VOUT (E)
IOUTMAX
MIN.
TYP.
x 0.98
VOUT(T)
2.940
3.000
MAX.
x 1.02
3.060
UVOUT
0.8
UVIN·VOUT
VIN
VOUT
Vdif 1
Vdif 2
-
M
mA
V
ppm
/
OC
M
20
CIRCUIT
M
M
N
UNITS
mA
mV
9
0.30
mV
mV
PA
UVOUT
Input Voltage
Output Voltage
Temperature Characteristics
Current Limiter
Ishort
Line Regulations
PARAMETER
Maximum Output Current
Load Regulation
Output Voltage
Dropout Voltage
Supply Current
VOUT1 = A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {VOUT(T) + 1.0V} is input.
VOUT(E) = Effective Output Voltage (le. The outpu voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain
IOUT value.)
550
10


Similar Part No. - KB6206P202ME

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB6282 KINGBOR-KB6282 Datasheet
439Kb / 13P
   16-Channel Constant-Current LED Driver
More results

Similar Description - KB6206P202ME

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Minilogic Device Corpor...
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
   Low ESR Cap. Compatible Positive Voltage Regulator
ML6206 MINILOGIC-ML6206 Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
logo
First Silicon Co., Ltd
FC6206S FS-FC6206S Datasheet
642Kb / 14P
   FC6206S Series Low ESR Cap. Compatible Positive Voltage Regulator
logo
DONGGUAN YOU FENG WEI E...
XC6206P YFWDIODE-XC6206P Datasheet
597Kb / 4P
   Low ESR Cap.Compatible Positive Voltage Regulators
logo
Advanced Monolithic Sys...
AMS6209 AMS-AMS6209 Datasheet
351Kb / 5P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
ZP Semiconductor
XC6206 ZPSEMI-XC6206 Datasheet
1Mb / 14P
   LOW ESR CAP.COMPATIBLE POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6206_002 TOREX-XC6206_002 Datasheet
1Mb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
XC6206 TOREX-XC6206_2 Datasheet
1,002Kb / 17P
   Low ESR Cap.Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com