Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43857A5106M00 Datasheet(PDF) 3 Page - EPCOS

Part # B43857A5106M00
Description  Single-Ended Capacitors High Reliability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43857A5106M00 Datasheet(HTML) 3 Page - EPCOS

  B43857A5106M00 Datasheet HTML 1Page - EPCOS B43857A5106M00 Datasheet HTML 2Page - EPCOS B43857A5106M00 Datasheet HTML 3Page - EPCOS B43857A5106M00 Datasheet HTML 4Page - EPCOS B43857A5106M00 Datasheet HTML 5Page - EPCOS B43857A5106M00 Datasheet HTML 6Page - EPCOS B43857A5106M00 Datasheet HTML 7Page - EPCOS B43857A5106M00 Datasheet HTML 8Page - EPCOS B43857A5106M00 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
447 10/02
High Reliability – 105 °C
B41857 / B43857
Dimensional drawings
Dimensions and weight
Dimensions (mm)
Approx. weight
g
d
× ld
max × lmax
a ± 0,5
b
5
× 11
5,5
× 12
2,0
0,50
± 0,05
0,5
6,3
× 11
6,8
× 12
2,5
0,50
± 0,05
0,7
8
× 11
8,5
× 12
3,5
0,60
± 0,05
1,0
10
× 12,5
10,5
× 13,5
5,0
0,60
± 0,05
1,6
10
× 16
10,5
× 17
5,0
0,60
± 0,05
1,9
10
× 20
10,5
× 22
5,0
0,60
± 0,05
2,6
12,5
× 25
13
× 27
5,0
0,60
± 0,05
4,5
16
× 20
16,5
× 22
7,5
0,80
± 0,05
5,5
16
× 25
16,5
× 27
7,5
0,80
± 0,05
7,5
16
× 31,5
16,5
× 33,5
7,5
0,80
± 0,05
7,8
18
× 31,5
18,5
× 32,5
7,5
0,80
± 0,1
11
18
× 35
18,5
× 36
7,5
0,80
± 0,1
13
18
× 40
18,5
× 41
7,5
0,80
± 0,1
16
KAL0706-7-E
d
d max.
Safety vent from ød
15 min.
max.
5 min.
Minus pole
marking
+
-
Stand-off rubber seal
6,3 mm
< _


Similar Part No. - B43857A5106M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43851 EPCOS-B43851 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B43858 EPCOS-B43858 Datasheet
666Kb / 24P
   Aluminum electrolytic capacitors
B43858 EPCOS-B43858 Datasheet
550Kb / 26P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B43858 TDK-B43858 Datasheet
489Kb / 27P
   Aluminum electrolytic capacitors
logo
EPCOS
B43858C1107M000 EPCOS-B43858C1107M000 Datasheet
666Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B43857A5106M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com