Electronic Components Datasheet Search |
|
B43857A4225M00 Datasheet(PDF) 4 Page - EPCOS |
|
B43857A4225M00 Datasheet(HTML) 4 Page - EPCOS |
4 / 12 page 448 10/02 High Reliability – 105 °C B41857 / B43857 Overview of available types B41857 B43857 Other voltage and capacitance ratings are also available upon request. UR (VDC) 10 16 25 35 50 63 100 CR (µF) Case dimensions d × l (mm) 0,47 5 × 11 5 × 11 1 5 × 11 5 × 11 2,2 5 × 11 5 × 11 3,3 5 × 11 5 × 11 4,7 5 × 11 5 × 11 10 5 × 11 6,3 × 11 8 × 11 22 6,3 × 11 6,3 × 11 10 × 12,5 33 5 × 11 6,3 × 11 8 × 11 10 × 16 47 5 × 11 6,3 × 11 8 × 11 8 × 11 10 × 20 100 5 × 11 6,3 × 11 6,3 × 11 8 × 11 10 × 12,5 10 × 12,5 12,5 × 25 220 6,3 × 11 8 × 11 10 × 12,5 10 × 12,5 10 × 20 10 × 20 16 × 25 330 8 × 11 10 × 12,5 10 × 12,5 10 × 16 10 × 20 12,5 × 25 16 × 31,5 470 10 × 12,5 10 × 16 10 × 20 10 × 20 12,5 × 25 16 × 20 16 × 31,5 1 000 10 × 16 10 × 20 12,5 × 25 16 × 20 16 × 31,5 18 × 31,5 2 200 12,5 × 25 16 × 20 16 × 25 16 × 31,5 18 × 40 3 300 16 × 20 16 × 25 16 × 31,5 18 × 35 4 700 16 × 25 16 × 31,5 18 × 35 UR (VDC) 160 200 250 350 450 CR (µF) Case dimensions d × l (mm) 0,47 6,3 × 11 6,3 × 11 6,3 × 11 8 × 11 1 6,3 × 11 6,3 × 11 8 × 11 8 × 11 10 × 12,5 2,2 8 × 11 8 × 11 8 × 11 10 × 12,5 10 × 16 3,3 10 × 12,5 10 × 12,5 10 × 16 10 × 16 10 × 20 4,7 10 × 12,5 10 × 12,5 10 × 16 10 × 20 12,5 × 25 10 10 × 16 10 × 16 10 × 20 10 × 20 16 × 25 22 10 × 20 10 × 20 16 × 20 16 × 25 16 × 31,5 33 10 × 20 12,5 × 25 16 × 25 16 × 31,5 18 × 35 47 12,5 × 25 16 × 20 16 × 31,5 16 × 31,5 18 × 40 100 16 × 25 16 × 31,5 18 × 35 18 × 40 220 18 × 35 18 × 40 |
Similar Part No. - B43857A4225M00 |
|
Similar Description - B43857A4225M00 |