Part Name
         Description
SAA7327

 Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II ( 68 Page)


PHILIPS
100% 
Zoom Out Zoom In
 
 3 page
background image
1999 Jun 17
3
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc decoder
with integrated DAC for video CD (CD7 II)
SAA7327
1
FEATURES
• Integrated bitstream DAC with differential outputs,
operating at 96fs with 3rd order noise shaper; typical
performance of
−95 dB signal-to-noise ratio (EIAJ
A-weighted)
• Separate serial input and output interfaces allow data
‘loopback’ mode for use of onboard DAC as stand-alone
DAC for digital audio signals
• Up to 2 times speed mode
• Lock-to-disc mode
• Full error correction strategy, t = 2 and e = 4
• Full subcode (CD graphics) interface
• All standard decoder functions implemented digitally on
chip
• FIFO overflow concealment for rotational shock
resistance
• Digital audio interface (EBU), audio and data
• 2 and 4 times oversampling integrated digital filter,
including fs mode
• Audio data peak level detection
• Kill interface for external DAC deactivation during digital
silence
• All SAA737x (CD7) digital servo and high-level functions
• Low focus noise
• Improved playability performance
• Automatic closed-loop gain control available for focus
and radial loops
• Pulsed sledge support
• Electronic damping of fast radial actuator during long
jump
• Microcontroller loading LOW
• High-level servo control option
• High-level mechanism monitor
• Communication may be via TDA1301/SAA7345
compatible bus or I2C-bus
• On-chip clock multiplier allows the use of 8.4672,
16.9344 or 33.8688 MHz crystals or ceramic
resonators.
2
GENERAL DESCRIPTION
The SAA7327 (CD7 II) is a single chip combining the
functions of a CD decoder, digital servo and bitstream
DAC, especially designed for Video CD applications.
The decoder/servo part is based on the SAA737x (CD7)
and is software compatible with this design. Extra
functions are controlled by use of ‘shadow’ registers
(see Section 7.15.3).
Supply of this Compact Disc IC does not convey an
implied license under any patent right to use this IC in any
Compact Disc application.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7327H
QFP64
plastic quad flat package; 64 leads (lead length 1.6 mm);
body 14
× 14 × 2.7 mm
SOT393-1



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAA7324Digital servo processor and Compact Disc decoder with integrated DAC CD10 II 1 2 3 4 5 MoreNXP Semiconductors
SAA7325Digital servo processor and Compact Disc decoder with integrated DAC CD10 1 2 3 4 5 MoreNXP Semiconductors
SAA7326Digital servo processor and Compact Disc decoder with integrated DAC CD10 1 2 3 4 5 MoreNXP Semiconductors
SAA7370Digital servo processor and Compact Disc decoder CD7 1 2 3 4 5 MoreNXP Semiconductors
SAA7370ADigital servo processor and Compact Disc decoder CD7 1 2 3 4 5 MoreNXP Semiconductors
SAA7371Digital servo processor and Compact Disc decoder CD7 1 2 3 4 5 MoreNXP Semiconductors
SAA7372Digital servo processor and Compact Disc decoder CD7 1 2 3 4 5 MoreNXP Semiconductors
SAA7373Digital servo processor and Compact Disc decoder CD7 1 2 3 4 5 MoreNXP Semiconductors
SAA7376Digital servo processor and Compact Disc decoder CD7 1 2 3 4 5 MoreNXP Semiconductors
SAA7377Digital servo processor and Compact Disc decoder CD7 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl