Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7327 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # SAA7327
Description  Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7327 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button SAA7327 Datasheet HTML 53Page - NXP Semiconductors SAA7327 Datasheet HTML 54Page - NXP Semiconductors SAA7327 Datasheet HTML 55Page - NXP Semiconductors SAA7327 Datasheet HTML 56Page - NXP Semiconductors SAA7327 Datasheet HTML 57Page - NXP Semiconductors SAA7327 Datasheet HTML 58Page - NXP Semiconductors SAA7327 Datasheet HTML 59Page - NXP Semiconductors SAA7327 Datasheet HTML 60Page - NXP Semiconductors SAA7327 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
1999 Jun 17
57
Philips Semiconductors
Product specification
Digital servo processor and Compact Disc decoder
with integrated DAC for video CD (CD7 II)
SAA7327
12 OPERATING CHARACTERISTICS (MICROCONTROLLER INTERFACE TIMING)
VDD = 3.0 to 3.6 V; VSS = 0 V; Tamb = −10 to +70 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
NORMAL MODE
LOCK-TO-DISC MODE
UNIT
MIN.
MAX.
MIN.
MAX.
Microcontroller interface timing (4-wire bus mode; writing to decoder registers 0 to F; reading Q-channel
subcode and decoder status); see Figs 34 and 35; note 1
INPUTS SCL AND RAB
tCL
input LOW time
480/n + 20
2400/n + 20
ns
tCH
input HIGH time
480/n + 20
2400/n + 20
ns
tr
rise time
480/n
480/n
ns
tf
fall time
480/n
480/n
ns
READ MODE (CL = 20 pF)
tdRD
delay time RAB to SDA
valid
50
50
ns
tPD
propagation delay SCL
to SDA
720/n
− 20
960/n + 20
720/n + 20
4800/n + 20 ns
tdRZ
delay time RAB to SDA
high-impedance
50
50
ns
WRITE MODE (CL = 20 pF)
tsuD
set-up time SDA to SCL note 2
20
− 720/n
20
− 720/n
ns
thD
hold time SCL to SDA
960/n + 20
4800/n + 20 ns
tsuCR
set-up time SCL to RAB
240/n + 20
1200/n + 20
ns
tdWZ
delay time SDA
high-impedance to RAB
0
0
ns
Microcontroller interface timing (4-wire bus mode; servo commands); see Figs 36 and 37; notes 3 and 4
INPUTS SCL AND SILD
tL
input LOW time
710
710
ns
tH
input HIGH time
710
710
ns
tr
rise time
240
240
ns
tf
fall time
240
240
ns
READ MODE (CL = 20 pF)
tdLD
delay time SILD to
SDA valid
25
25
ns
tPD
propagation delay SCL
to SDA
950
950
ns
tdLZ
delay time SILD to
SDA high-impedance
50
50
ns
tsCLR
set-up time SCL to
SILD
480
480
ns
thCLR
hold time SILD to SCL
830
830
ns


Similar Part No. - SAA7327

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7324H PHILIPS-SAA7324H Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7325H PHILIPS-SAA7325H Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results

Similar Description - SAA7327

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com