Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W541C240 Datasheet(PDF) 7 Page - Winbond

Part # W541C240
Description  4-BIT MICROCONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W541C240 Datasheet(HTML) 7 Page - Winbond

Back Button W541C240 Datasheet HTML 2Page - Winbond W541C240 Datasheet HTML 3Page - Winbond W541C240 Datasheet HTML 4Page - Winbond W541C240 Datasheet HTML 5Page - Winbond W541C240 Datasheet HTML 6Page - Winbond W541C240 Datasheet HTML 7Page - Winbond W541C240 Datasheet HTML 8Page - Winbond W541C240 Datasheet HTML 9Page - Winbond W541C240 Datasheet HTML 10Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
W541C240
Publication Release Date: May 30, 2003
- 7 -
Revision A1
6. ELECTRICAL CHARACTERISTICS
6.1 Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Supply Voltage to Ground Potential
-0.3 to +7.0
V
Applied Input/Output Voltage
-0.3 to +7.0
V
Power Dissipation
120
mW
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-55 to +150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
6.2 DC Characteristics
(VDD
−VSS = 3.0V, FOSC. = 32.768 KHz, TA = 25° C; unless otherwise specified)
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Op. Voltage
VDD
-
2.4
-
5.5
V
Op. Current (Crystal type)
IOP1
No load (Ext-V)
-
8
15
µA
Op. Current (RC type)
IOP2
No load (Ext-V)
-
35
60
µA
Hold Current (Crystal type)
IHM1
Hold mode
No load (Ext-V)
-
4
6
µA
Hold Current (RC type)
IHM2
Hold mode
No load (Ext-V)
-
16
40
µA
Stop Current (Crystal type)
ISM1
Stop mode
No load (Ext-V)
-
0.1
2
µA
Stop Current (RC type)
ISM2
Stop mode
No load (Ext-V)
-
0.1
2
µA
Input Low Voltage
VIL
-
VSS
-
0.3 VDD
V
Input High Voltage
VIH
-
0.7 VDD
-
VDD
V
MFP Output Low Voltage
VML
IOL = 3.5 mA
-
-
0.4
V
MFP Output High Voltage
VMH
IOH = -3.5 mA
2.4
-
-
V
Port RA, RB Output Low Voltage
VABL
IOL = 2.0 mA
-
-
0.4
V
Port RA, RB Output high Voltage
VABH
IOH = -2.0 mA
2.4
-
-
V
LCD Supply Current
ILCD
All Seg. On
-
-
6
µA


Similar Part No. - W541C240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C201 ETC1-W541C201 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C202 ETC1-W541C202 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C203 ETC1-W541C203 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C204 ETC1-W541C204 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
More results

Similar Description - W541C240

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
logo
Winbond
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
   4-BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
   4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com