Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43857F2335M00 Datasheet(PDF) 6 Page - EPCOS

Part # B43857F2335M00
Description  Single-Ended Capacitors High Reliability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43857F2335M00 Datasheet(HTML) 6 Page - EPCOS

Back Button B43857F2335M00 Datasheet HTML 2Page - EPCOS B43857F2335M00 Datasheet HTML 3Page - EPCOS B43857F2335M00 Datasheet HTML 4Page - EPCOS B43857F2335M00 Datasheet HTML 5Page - EPCOS B43857F2335M00 Datasheet HTML 6Page - EPCOS B43857F2335M00 Datasheet HTML 7Page - EPCOS B43857F2335M00 Datasheet HTML 8Page - EPCOS B43857F2335M00 Datasheet HTML 9Page - EPCOS B43857F2335M00 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
450 10/02
High Reliability – 105 °C
B41857 / B43857
35
33
5
× 11
22
0,12
6,0
67
B41857A7336M00*
47
6,3
× 11
26
0,12
4,2
92
B41857A7476M00*
100
8
× 11
45
0,12
2,0
156
B41857A7107M00*
220
10
× 12,5
87
0,12
0,90
273
B41857A7227M00*
330
10
× 16
126
0,12
0,60
366
B41857A7337M00*
470
10
× 20
175
0,12
0,42
476
B41857A7477M00*
1 000
16
× 20
360
0,12
0,20
905
B41857A7108M00*
2 200
16
× 31,5
780
0,14
0,11
1584
B41857A7228M00*
3 300
18
× 35
1165
0,16
0,08
2185
B41857A7338M00*
50
0,47
5
× 11
10
0,10
353
8,0
B41857A6474M00*
1,0
5
× 11
11
0,10
166
12
B41857A6105M00*
2,2
5
× 11
11
0,10
75
17
B41857A6225M00*
3,3
5
× 11
12
0,10
50
21
B41857A6335M00*
4,7
5
× 11
12
0,10
35
25
B41857A6475M00*
10
5
× 11
15
0,10
17
37
B41857A6106M00*
22
6,3
× 11
21
0,10
7,5
63
B41857A6226M00*
33
6,3
× 11
27
0,10
5,0
77
B41857A6336M00*
47
8
× 11
34
0,10
3,5
107
B41857A6476M00*
100
10
× 12,5
60
0,10
1,7
184
B41857A6107M00*
220
10
× 20
120
0,10
0,75
326
B41857A6227M00*
330
10
× 20
175
0,10
0,50
399
B41857A6337M00*
470
12,5
× 25
245
0,10
0,35
595
B41857A6477M00*
1 000
16
× 31,5
510
0,10
0,17
1068
B41857A6108M00*
2 200
18
× 40
1110
0,12
0,09
1883
B41857A6228M00*
Technical data and ordering codes
UR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IL
5 min
20
°C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
I~R
120 Hz
105
°C
mA
Ordering code1)
Preferred types
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.


Similar Part No. - B43857F2335M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43851 EPCOS-B43851 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B43858 EPCOS-B43858 Datasheet
666Kb / 24P
   Aluminum electrolytic capacitors
B43858 EPCOS-B43858 Datasheet
550Kb / 26P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B43858 TDK-B43858 Datasheet
489Kb / 27P
   Aluminum electrolytic capacitors
logo
EPCOS
B43858C1107M000 EPCOS-B43858C1107M000 Datasheet
666Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B43857F2335M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com