Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43508B2397M002 Datasheet(PDF) 10 Page - EPCOS

Part # B43508B2397M002
Description  Aluminum electrolytic capacitors Snap-in capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43508B2397M002 Datasheet(HTML) 10 Page - EPCOS

Back Button B43508B2397M002 Datasheet HTML 6Page - EPCOS B43508B2397M002 Datasheet HTML 7Page - EPCOS B43508B2397M002 Datasheet HTML 8Page - EPCOS B43508B2397M002 Datasheet HTML 9Page - EPCOS B43508B2397M002 Datasheet HTML 10Page - EPCOS B43508B2397M002 Datasheet HTML 11Page - EPCOS B43508B2397M002 Datasheet HTML 12Page - EPCOS B43508B2397M002 Datasheet HTML 13Page - EPCOS B43508B2397M002 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
3)
120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R3)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Terminal style
0 = snap-in standard terminals (6.3
±1) mm
2 = snap-in 3 terminals (4.5
1) mm
7 = snap-in short terminals (4.5
1) mm
VR = 400 V DC
270
25
× 40
460
640
3.13
2.34
1.16
B43508B9277M00*
270
30
× 30
460
640
3.06
2.29
1.13
B43508C9277M00*
330
25
× 45
370
530
3.56
2.66
1.31
B43508A9337M00*
330
30
× 35
370
530
3.50
2.62
1.29
B43508B9337M00*
330
35
× 25
370
530
3.20
2.39
1.18
B43508C9337M00*
390
25
× 50
320
450
3.96
2.96
1.46
B43508A9397M00*
390
30
× 35
320
450
3.81
2.85
1.41
B43508B9397M00*
390
35
× 30
320
450
3.86
2.88
1.43
B43508C9397M00*
470
30
× 40
260
370
4.59
3.44
1.70
B43508A9477M00*
470
35
× 35
260
370
4.39
3.28
1.62
B43508B9477M00*
560
30
× 50
220
310
5.29
3.95
1.96
B43508A9567M00*
560
35
× 40
220
310
4.94
3.70
1.83
B43508B9567M00*
680
30
× 55
180
260
5.96
4.46
2.20
B43508A9687M00*
680
35
× 45
180
260
5.60
4.19
2.07
B43508B9687M00*
820
35
× 50
150
210
6.31
4.72
2.33
B43508A9827M00*
1000
35
× 55
120
180
7.13
5.33
2.64
B43508A9108M00*
VR = 450 V DC
82
22
× 25
1500
2100
1.58
1.18
0.58
B43508A5826M00*
100
22
× 30
1230
1730
1.82
1.36
0.67
B43508A5107M00*
100
25
× 25
1230
1730
1.82
1.36
0.67
B43508B5107M00*
120
22
× 35
1020
1440
2.07
1.54
0.76
B43508A5127M00*
120
25
× 30
1020
1440
2.08
1.55
0.77
B43508B5127M00*
150
22
× 40
820
1150
2.38
1.78
0.88
B43508A5157M00*
150
25
× 30
820
1150
2.33
1.74
0.86
B43508B5157M00*
150
30
× 25
820
1150
2.39
1.79
0.88
B43508C5157M00*
180
22
× 45
680
960
2.68
2.01
0.99
B43508A5187M00*
180
25
× 35
680
960
2.64
1.97
0.97
B43508B5187M00*
180
30
× 30
680
960
2.73
2.04
1.01
B43508C5187M00*
220
22
× 50
560
790
3.04
2.27
1.12
B43508A5227M00*
220
25
× 40
560
790
3.01
2.25
1.11
B43508B5227M00*
220
30
× 30
560
790
3.02
2.26
1.11
B43508C5227M00*
220
35
× 25
560
790
2.89
2.16
1.07
B43508D5227M00*
270
25
× 50
460
640
3.51
2.63
1.30
B43508A5277M00*
B43508
Ultra compact
105
°C
Page 10 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43508B2397M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43508B2397M002 EPCOS-B43508B2397M002 Datasheet
1,016Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43508B2397M002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
B41252 TDK-B41252 Datasheet
377Kb / 24P
   Aluminum electrolytic capacitors Snap-in capacitors
B41231 TDK-B41231 Datasheet
373Kb / 24P
   Aluminum electrolytic capacitors Snap-in capacitors
B41505 TDK-B41505 Datasheet
352Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
logo
RUBYCON CORPORATION
HFG RUBYCON-HFG Datasheet
167Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
NXG RUBYCON-NXG Datasheet
167Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH_15 Datasheet
143Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
FXC RUBYCON-FXC Datasheet
155Kb / 1P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
200VXH2200MEFCSN35X50 RUBYCON-200VXH2200MEFCSN35X50 Datasheet
164Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
350MXG220MEFCSN22X35 RUBYCON-350MXG220MEFCSN22X35 Datasheet
198Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com